Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04/P Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F628-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04/P Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F628-04/P Datasheet HTML 91Page - Microchip Technology PIC16F628-04/P Datasheet HTML 92Page - Microchip Technology PIC16F628-04/P Datasheet HTML 93Page - Microchip Technology PIC16F628-04/P Datasheet HTML 94Page - Microchip Technology PIC16F628-04/P Datasheet HTML 95Page - Microchip Technology PIC16F628-04/P Datasheet HTML 96Page - Microchip Technology PIC16F628-04/P Datasheet HTML 97Page - Microchip Technology PIC16F628-04/P Datasheet HTML 98Page - Microchip Technology PIC16F628-04/P Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 95
PIC16F62X
14.0
SPECIAL FEATURES OF THE
CPU
Special circuits to deal with the needs of real time appli-
cations are what sets a microcontroller apart from other
processors. The PIC16F62X family has a host of such
features intended to maximize system reliability, mini-
mize cost through elimination of external components,
provide power saving operating modes and offer code
protection.
These are:
1.
OSC selection
2.
Reset
Power-on Reset (POR)
Power-up Timer (PWRT)
Oscillator Start-Up Timer (OST)
Brown-out Reset (BOD)
3.
Interrupts
4.
Watchdog Timer (WDT)
5.
SLEEP
6.
Code protection
7.
ID Locations
8.
In-circuit serial programming
The PIC16F62X
has a Watchdog Timer which is
controlled by configuration bits. It runs off its own RC
oscillator for added reliability. There are two timers that
offer necessary delays on power-up. One is the
Oscillator Start-up Timer (OST), intended to keep the
chip in reset until the crystal oscillator is stable. The
other is the Power-up Timer (PWRT), which provides a
fixed delay of 72 ms (nominal) on power-up only,
designed to keep the part in reset while the power
supply stabilizes. There is also circuitry to reset the
device if a brown-out occurs which provides at least a
72 ms reset. With these three functions on-chip, most
applications need no external reset circuitry.
The SLEEP mode is designed to offer a very low
current power-down mode. The user can wake-up from
SLEEP through external reset, Watchdog Timer
wake-up or through an interrupt. Several oscillator
options are also made available to allow the part to fit
the application. The ER oscillator option saves system
cost while the LP crystal option saves power. A set of
configuration bits are used to select various options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com