Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04/P Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F628-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F628-04/P Datasheet HTML 11Page - Microchip Technology PIC16F628-04/P Datasheet HTML 12Page - Microchip Technology PIC16F628-04/P Datasheet HTML 13Page - Microchip Technology PIC16F628-04/P Datasheet HTML 14Page - Microchip Technology PIC16F628-04/P Datasheet HTML 15Page - Microchip Technology PIC16F628-04/P Datasheet HTML 16Page - Microchip Technology PIC16F628-04/P Datasheet HTML 17Page - Microchip Technology PIC16F628-04/P Datasheet HTML 18Page - Microchip Technology PIC16F628-04/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 15
PIC16F62X
4.2.2
SPECIAL FUNCTION REGISTERS
The special function registers are registers used by the
CPU and Peripheral functions for controlling the
desired operation of the device (Table 4-1). These
registers are static RAM.
The special registers can be classified into two sets
(core and peripheral). The special function registers
associated with the “core” functions are described in
this section. Those related to the operation of the
peripheral features are described in the section of that
peripheral feature.
TABLE 4-1:
SPECIAL REGISTERS SUMMARY BANK0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset
Value on
all other
Resets(1)
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
uuuu uuuu
02h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx 0000
xxxx 0000
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
07h
Unimplemented
—
—
08h
Unimplemented
—
—
09h
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
0000 -000
0000 -000
0Dh
Unimplemented
—
—
0Eh
TMR1L
Holding register for the least significant byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
0Fh
TMR1H
Holding register for the most significant byte of the 16-bit TMR1
xxxx xxxx
uuuu uuuu
10h
T1CON
—
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
--00 0000
--uu uuuu
11h
TMR2
TMR2 module’s register
0000 0000
0000 0000
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-uuu uuuu
13h
Unimplemented
—
—
14h
Unimplemented
—
—
15h
CCPR1L
Capture/Compare/PWM register (LSB)
xxxx xxxx
uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM register (MSB)
xxxx xxxx
uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
--00 0000
18h
RCSTA
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR
RX9D
0000 -00x
0000 -00x
19h
TXREG
USART Transmit data register
0000 0000
0000 0000
1Ah
RCREG
USART Receive data register
0000 0000
0000 0000
1Bh
Unimplemented
—
—
1Ch
Unimplemented
—
—
1Dh
Unimplemented
—
—
1Eh
Unimplemented
—
—
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
Legend: — = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: Other (non power-up) resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com