Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04/P Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16F628-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16F628-04/P Datasheet HTML 22Page - Microchip Technology PIC16F628-04/P Datasheet HTML 23Page - Microchip Technology PIC16F628-04/P Datasheet HTML 24Page - Microchip Technology PIC16F628-04/P Datasheet HTML 25Page - Microchip Technology PIC16F628-04/P Datasheet HTML 26Page - Microchip Technology PIC16F628-04/P Datasheet HTML 27Page - Microchip Technology PIC16F628-04/P Datasheet HTML 28Page - Microchip Technology PIC16F628-04/P Datasheet HTML 29Page - Microchip Technology PIC16F628-04/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
PIC16F62X
DS40300B-page 26
Preliminary
© 1999 Microchip Technology Inc.
4.4
Indirect Addressing, INDF and FSR
Registers
The INDF register is not a physical register. Addressing
the INDF register will cause indirect addressing.
Indirect addressing is possible by using the INDF register.
Any instruction using the INDF register actually accesses
data pointed to by the file select register (FSR). Reading
INDF itself indirectly will produce 00h. Writing to the INDF
register indirectly results in a no-operation (although sta-
tus bits may be affected). An effective 9-bit address is
obtained by concatenating the 8-bit FSR register and the
IRP bit (STATUS<7>), as shown in Figure 4-8.
A simple program to clear RAM location 20h-2Fh using
indirect addressing is shown in Example 4-1.
EXAMPLE 4-1:
INDIRECT ADDRESSING
movlw
0x20
;initialize pointer
movwf
FSR
;to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR
;inc pointer
btfss
FSR,4
;all done?
goto
NEXT
;no clear next
;yes continue
CONTINUE:
FIGURE 4-8:
DIRECT/INDIRECT ADDRESSING PIC16F62X
For memory map detail see Figure 4-3.
Data
Memory
Indirect Addressing
Direct Addressing
bank select
location select
RP1
RP0
6
0
from opcode
IRP
FSR register
7
0
bank select
location select
00
01
10
11
180h
1FFh
00h
7Fh
Bank 0
Bank 1
Bank 2
Bank 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com