Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04/P Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F628-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04/P Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F628-04/P Datasheet HTML 98Page - Microchip Technology PIC16F628-04/P Datasheet HTML 99Page - Microchip Technology PIC16F628-04/P Datasheet HTML 100Page - Microchip Technology PIC16F628-04/P Datasheet HTML 101Page - Microchip Technology PIC16F628-04/P Datasheet HTML 102Page - Microchip Technology PIC16F628-04/P Datasheet HTML 103Page - Microchip Technology PIC16F628-04/P Datasheet HTML 104Page - Microchip Technology PIC16F628-04/P Datasheet HTML 105Page - Microchip Technology PIC16F628-04/P Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 160 page
background image
PIC16F62X
DS40300B-page 102
Preliminary
© 1999 Microchip Technology Inc.
14.5.5
TIME-OUT SEQUENCE
On power-up the time-out sequence is as follows: First
PWRT time-out is invoked after POR has expired. Then
OST is activated. The total time-out will vary based on
oscillator configuration and PWRTE bit status. For
example, in ER mode with PWRTE bit erased (PWRT
disabled), there will be no time-out at all. Figure 14-10,
Figure 14-11
and
Figure 14-12
depict
time-out
sequences.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 14-11). This is useful for testing purposes
or to synchronize more than one PIC16F62X device
operating in parallel.
Table 14-6 shows the reset conditions for some special
registers, while Table 14-7 shows the reset conditions
for all the registers.
14.5.6
POWER CONTROL (PCON)/
STATUS REGISTER
The power control/status register, PCON (address
8Eh) has two bits.
Bit0 is BOD (Brown-out). BOD is unknown on
power-on-reset. It must then be set by the user and
checked on subsequent resets to see if BOD = 0
indicating that a brown-out has occurred. The BOD
status bit is a don’t care and is not necessarily
predictable if the brown-out circuit is disabled (by
setting BODEN bit = 0 in the Configuration word).
Bit1
is
POR
(Power-on-reset).
It
is
a
‘0’
on
power-on-reset and unaffected otherwise. The user
must write a ‘1’ to this bit following a power-on-reset.
On a subsequent reset if POR is ‘0’, it will indicate that
a power-on-reset must have occurred (VDD may have
gone too low).
TABLE 14-3:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 14-4:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
Legend: u = unchanged, x = unknown
Oscillator Configuration
Power-up
Brown-out Reset
Wake-up
from SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024 TOSC
1024 TOSC
72 ms + 1024 TOSC
1024 TOSC
ER
72 ms
—
72 ms
—
POR
BOD
TO
PD
0X11
Power-on-reset
0X0X
Illegal, TO is set on POR
0XX0
Illegal, PD is set on POR
10XX
Brown-out Detect
110u
WDT Reset
1100
WDT Wake-up
11uu
MCLR reset during normal operation
1110
MCLR reset during SLEEP
TABLE 14-5:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR
Reset
Value on all
other resets(1)
03h
STATUS
IRP
RP1
RPO
TO
PD
Z
DC
C
0001 1xxx
000q quuu
8Eh
PCON
—
—
—
—
OSCF
—POR
BOD
---- 1-0x
---- u-uq
Note 1:
Other (non power-up) resets include MCLR reset, Brown-out Detect and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com