Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-04/P Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F628-04/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-04/P Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F628-04/P Datasheet HTML 135Page - Microchip Technology PIC16F628-04/P Datasheet HTML 136Page - Microchip Technology PIC16F628-04/P Datasheet HTML 137Page - Microchip Technology PIC16F628-04/P Datasheet HTML 138Page - Microchip Technology PIC16F628-04/P Datasheet HTML 139Page - Microchip Technology PIC16F628-04/P Datasheet HTML 140Page - Microchip Technology PIC16F628-04/P Datasheet HTML 141Page - Microchip Technology PIC16F628-04/P Datasheet HTML 142Page - Microchip Technology PIC16F628-04/P Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 139
PIC16F62X
17.5
Timing Diagrams and Specifications
FIGURE 17-6: EXTERNAL CLOCK TIMING
TABLE 17-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fosc
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
XT and ER osc mode,
VDD=5.0V
DC
—
20
MHz
HS osc mode
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
—
4
MHz
ER osc mode, VDD=5.0V
0.1
—
4
MHz
XT osc mode
1—
—
20
200
MHz
kHz
HS osc mode
LP osc mode
4
MHz
INTRC mode (fast)
37
kHz
INTRC mode (slow)
1
Tosc
External CLKIN Period
(Note 1)
250
—
—
ns
XT and ER osc mode
50
—
—
ns
HS osc mode
5—
—
µsLP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
ER osc mode
250
—
10,000
ns
XT osc mode
50
—
1,000
ns
HS osc mode
5
µsLP osc mode
250
ns
INTRC mode (fast)
27
µs
INTRC mode (slow)
2
Tcy
Instruction Cycle Time (Note 1) 1.0
TCY
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External CLKIN (OSC1) High
External CLKIN Low
100 *
—
—
ns
XT oscillator, TOSC L/H duty
cycle
4
INTRC Internal Calibrated ER
3.65
4.00
4.28
MHz
VDD = 5.0V
5
ER
External Biased ER Frequency 10kHz
8MHz
VDD = 5.0V
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com