Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC120 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC120
Description  PWM/PFM Step-Down Combination Regulator/Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC120 Datasheet(HTML) 4 Page - Microchip Technology

  TC120 Datasheet HTML 1Page - Microchip Technology TC120 Datasheet HTML 2Page - Microchip Technology TC120 Datasheet HTML 3Page - Microchip Technology TC120 Datasheet HTML 4Page - Microchip Technology TC120 Datasheet HTML 5Page - Microchip Technology TC120 Datasheet HTML 6Page - Microchip Technology TC120 Datasheet HTML 7Page - Microchip Technology TC120 Datasheet HTML 8Page - Microchip Technology TC120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC120
DS21365B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin SOP)
Symbol
Description
1VIN
Unregulated supply input.
2
EXTW
Extended external switching transistor drive output. This output follows the timing on the EXT
output with an additional 100nsec blanking time on both the leading and trailing edges. That is,
this output transitions from high-to-low 100 nsec prior to the same transition on EXT; and
transitions low-to-high 100nsec after the same transition on EXT; resulting in a longer external
switch ON time. (See Section 3.9 External Switching Transistor Selection).
3
CPC
Charge pump capacitor input. An inverting charge pump is formed by attaching a capacitor and
diode to this input. (See Section 3.5 Improving High Load Efficiency In Regulator Operating
Mode).
4
SHDN/SS
Shutdown and soft-start control input. A soft start capacitor of 100pF (min) must be connected to
this input. The soft start capacitor is charged by an internal
µA current source that gently ramps
the TC120 into service. Shutdown control is best implemented with an external open collector (or
open drain) switch. The TC120 enters shutdown when this input is low. During shutdown, the
regulator is disabled, and supply current is reduced to less than 2.5
µA. Normal operation is
restored when this input is open-circuited, and allowed to float high. (See Section 3.6 Low Power
Shutdown Mode/Soft Start Input).
5
SENSE
Voltage sense input. This input must be connected to the output voltage node at the physical
location that requires the tightest voltage regulation.
6
GND
Ground terminal.
7
EXT
External switching transistor drive output. This output connects directly to the gate of an external
P-channel MOSFET for applications requiring output currents greater than 600mA. The timing of
this output exactly matches that of the gate drive for the internal P-channel transistor. This output
can drive a maximum capacitance of 1000pF. (See Section 3.9 External Switching Transistor
Selection).
8
Lx
Inductor terminal. This pin is connected to the drain of the internal P-channel switching transistor.
If the TC120 is operated as a regulator (i.e., using the internal switch); the inductor must be
connected between this pin and the SENSE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com