Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC120 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC120
Description  PWM/PFM Step-Down Combination Regulator/Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC120 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC120 Datasheet HTML 6Page - Microchip Technology TC120 Datasheet HTML 7Page - Microchip Technology TC120 Datasheet HTML 8Page - Microchip Technology TC120 Datasheet HTML 9Page - Microchip Technology TC120 Datasheet HTML 10Page - Microchip Technology TC120 Datasheet HTML 11Page - Microchip Technology TC120 Datasheet HTML 12Page - Microchip Technology TC120 Datasheet HTML 13Page - Microchip Technology TC120 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TC120
DS21365B-page 10
© 2002 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Package marking data not available at this time.
4.2
Taping Form
4.3
Package Dimensions
Component Taping Orientation for 8-Pin SOP Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin SOP
12 mm
8 mm
1000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
8-Pin SOP
.181 (4.60)
.165 (4.20)
.217 (5.50)
.193 (4.90)
.069 (1.75)
.055 (1.40)
.008 (0.20)
.000 (0.00)
.020 (0.50)
.012 (0.30)
.256 (6.50)
.232 (5.90)
PIN 1
.010 (0.25)
.004 (0.10)
.018 (0.45)
.014 (0.35)
8
° MAX.
.051 (1.30)
.049 (1.24)
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com