Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC120 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC120
Description  PWM/PFM Step-Down Combination Regulator/Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC120 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC120 Datasheet HTML 4Page - Microchip Technology TC120 Datasheet HTML 5Page - Microchip Technology TC120 Datasheet HTML 6Page - Microchip Technology TC120 Datasheet HTML 7Page - Microchip Technology TC120 Datasheet HTML 8Page - Microchip Technology TC120 Datasheet HTML 9Page - Microchip Technology TC120 Datasheet HTML 10Page - Microchip Technology TC120 Datasheet HTML 11Page - Microchip Technology TC120 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC120
DS21365B-page 8
© 2002 Microchip Technology Inc.
FIGURE 3-3:
SHUTDOWN CONTROL CIRCUITS
FIGURE 3-4:
SOFT START TIMING
SHDN/SS
TC120XX03
CSS
SHDN/SS
TC120XX03
CSS
SHDN/SS
TC120XX03
CSS
4.7nF
SHDN/SS
TC120XX03
RSS
VIN
SHDN
ON OFF
47K
2N2222
CSS
4.7nF
R1
VIN
CMOS
Gate
a) Using an Open Collector Device
b) Using a Complementary Output Device
c) Shutdown Not Used – with Pull-Up
d) Shutdown Not Used – No Pull-Up
SHDN
ON OFF
OFF
ON
0.65V
0V
1.5msec
SHDN/SS
Shutdown
Signal
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com