Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC120 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC120
Description  PWM/PFM Step-Down Combination Regulator/Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC120 Datasheet(HTML) 1 Page - Microchip Technology

  TC120 Datasheet HTML 1Page - Microchip Technology TC120 Datasheet HTML 2Page - Microchip Technology TC120 Datasheet HTML 3Page - Microchip Technology TC120 Datasheet HTML 4Page - Microchip Technology TC120 Datasheet HTML 5Page - Microchip Technology TC120 Datasheet HTML 6Page - Microchip Technology TC120 Datasheet HTML 7Page - Microchip Technology TC120 Datasheet HTML 8Page - Microchip Technology TC120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21365B-page 1
TC120
Features
• Internal Switching Transistor Supports 600mA
Output Current
• External Switching Transistor Control for Output
Currents of 2A+
• 300kHz Oscillator Frequency Supports Small
Inductor Size
• Short Circuit Protection
• Built-In Undervoltage Lockout
• 95% Typical Efficiency
• Automatic Switchover to Current-Saving PFM
Mode at Low Output Loads
• Automatic Output Capacitor Discharge While in
Shutdown
• Programmable Soft-Start
• Power-Saving Shutdown Mode
• Small 8-Pin SOP Package
Applications
• Portable Test Equipment
• Local Logic Supplies
• Portable Audio Systems
• Portable Scanners
•Palmtops
• Electronic Organizers
Device Selection Table
Package Type
General Description
TC120 is a 300kHz PFM/PWM step-down (Buck) DC/
DC regulator/controller combination for use in systems
operating from two or more cells, or in line-powered
applications. It uses PWM as the primary modulation
scheme, but automatically converts to PFM at low
output loads for greater efficiency. It requires only an
external inductor, Schottky diode, and two capacitors to
implement a step-down converter having a maximum
output current of 600mA (VIN =5V, VOUT =3.3V). An
external switching transistor (P-channel MOSFET) can
be added to increase output current capability to
support output loads of 2A or more.
The TC120 consumes only 55
µA (max) of supply
current (VOUT = 3.3V) and can be placed in shutdown
mode by bringing the shutdown input (SHDN)low.
During shutdown, the regulator is disabled, supply
current is reduced to 2.5
µA(max), and VOUT is
internally pulled to ground, discharging the output
capacitor. Normal operation resumes when SHDN is
brought high. Other features include a built-in under-
voltage lockout (UVLO), an externally programmable
soft start time, and output short circuit protection. The
TC120 operates from a maximum input voltage of 10V
and is available in a low-profile 8-Pin SOP package.
Functional Block Diagram
Part
Number
Output
Voltage
(V)
Package
Operating
Temp.
Range
TC120503EHA
5.0
8-Pin SOP -40°C to +85°C
TC120333EHA
3.3
8-Pin SOP -40°C to +85°C
TC120303EHA
3.0
8-Pin SOP -40°C to +85°C
1
2
3
4
8
7
6
5
TC120
8-Pin SOP
EXTW
CPC
SHDN/SS
VIN
GND
EXT
SENSE
LX
TC120XX03
VIN
EXTW
CPC
SHDN/SS
LX
EXT
GND
SENSE
CIN
D1
L1
VOUT
VIN
COUT
CSS
4.7nF
PWM/PFM Step-Down Combination Regulator/Controller


Similar Part No. - TC120

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
TC1200-1000 PF-TC1200-1000 Datasheet
260Kb / 2P
Barcode scanner
TC1200-1100 PF-TC1200-1100 Datasheet
151Kb / 2P
Barcode scanner
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
Super Low Noise GaAs FETs
More results

Similar Description - TC120

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
Microsemi Corporation
LX1736 MICROSEMI-LX1736_08 Datasheet
225Kb / 7P
5V 1.25A 1.0MHz PWM/PFM STEP DOWN REGULATOR
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
High-Performance Step-Down PWM Controller with PFM
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com