Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693
Description  LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693 Datasheet(HTML) 1 Page - Texas Instruments

  LP38693 Datasheet HTML 1Page - Texas Instruments LP38693 Datasheet HTML 2Page - Texas Instruments LP38693 Datasheet HTML 3Page - Texas Instruments LP38693 Datasheet HTML 4Page - Texas Instruments LP38693 Datasheet HTML 5Page - Texas Instruments LP38693 Datasheet HTML 6Page - Texas Instruments LP38693 Datasheet HTML 7Page - Texas Instruments LP38693 Datasheet HTML 8Page - Texas Instruments LP38693 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LP38693
IN
OUT
SNS
**
GND
1 µF
*
1 µF
*
VOUT
VIN
VEN
EN
LP38691
IN
OUT
SNS
**
GND
1 µF
*
1 µF
*
VOUT
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321N – JANUARY 2005 – REVISED MARCH 2015
LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators
Stable With Ceramic Output Capacitors
1 Features
3 Description
The LP3869x low-dropout CMOS linear regulators
1
•
Wide Input Voltage Range (2.7 V to 10 V)
provide tight output tolerance (2% typical), extremely
•
All WSON Options are Available as AEC-Q100
low dropout voltage (250 mV at 500-mA load current,
Grade 1
VOUT = 5 V), and excellent AC performance using
•
2% Output Accuracy (25°C)
ultra-low equivalent series resistance (ESR) ceramic
output capacitors.
•
Low Dropout Voltage: 250 mV at 500 mA (Typical,
5 V Out)
The low thermal resistance of the WSON, SOT-223,
and TO-252 packages allow use of the full operating
•
Precision (Trimmed) Bandgap Reference
current
even
in
high
ambient
temperature
•
Ensured Specs for –40°C to 125°C
environments.
•
1-µA Off-State Quiescent Current
The use of a PMOS power transistor means that no
•
Thermal Overload Protection
DC base drive current is required to bias it, thus
•
Foldback Current Limiting
allowing ground pin current to remain below 100 µA
•
Ground Pin Current: 55 µA (typical) at full load
regardless of load current, input voltage, or operating
temperature.
•
Enable Pin (LP38693)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Hard Disk Drives
TO-252 (3)
6.58 mm × 6.10 mm
LP38691
•
Notebook Computers
WSON (6)
3.00 mm × 3.00 mm
•
Battery-Powered Devices
SOT-223 (5)
6.50 mm × 3.56 mm
LP38693
•
Portable Instrumentation
WSON (6)
3.00 mm × 3.00 mm
LP38691-Q1
WSON (6)
3.00 mm × 3.00 mm
LP38693-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application Circuits
* Minimum value required for stability
* Minimum value required for stability
** WSON package devices only
** WSON package devices only
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP38693

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693 TI-LP38693 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693 TI-LP38693 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693 TI-LP38693 Datasheet
1Mb / 27P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693 TI-LP38693 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com