Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693
Description  LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38693 Datasheet HTML 12Page - Texas Instruments LP38693 Datasheet HTML 13Page - Texas Instruments LP38693 Datasheet HTML 14Page - Texas Instruments LP38693 Datasheet HTML 15Page - Texas Instruments LP38693 Datasheet HTML 16Page - Texas Instruments LP38693 Datasheet HTML 17Page - Texas Instruments LP38693 Datasheet HTML 18Page - Texas Instruments LP38693 Datasheet HTML 19Page - Texas Instruments LP38693 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321N – JANUARY 2005 – REVISED MARCH 2015
www.ti.com
Important: To ensure stable operation it is essential that good PCB design practices are employed to minimize
ground impedance and keep input inductance low. If these conditions cannot be met, or if long leads are used to
connect the battery or other power source to the LP38691 or LP38693, then it is recommended that the input
capacitor is increased. Also, tantalum capacitors can suffer catastrophic failures due to surge current when
connected to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is
used at the input, it must be ensured by the manufacturer to have a surge current rating sufficient for the
application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
approximately 1 µF over the entire operating temperature range.
9.2.2.4 Output Capacitor
The LP3869x is designed specifically to work with very small ceramic output capacitors. A 1-µF ceramic
capacitor (temperature types Z5U, Y5V or X7R/X5R) with ESR between 5 m
Ω to 500 mΩ, is suitable in the
LP3869x application circuit.
For this device the output capacitor should be connected between the OUT pin and GND pin.
It is also possible to use tantalum or film capacitors at the device output, but these are not as attractive for
reasons of size and cost.
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5 m
Ω to 500 mΩ for stability.
9.2.2.5 No-Load Stability
The LP3869x will remain stable and in regulation with no external load. This is an important consideration in
some circuits, for example CMOS RAM keep-alive applications.
9.2.2.6 Capacitor Characteristics
The LP3869x is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 0.47 µF to 4.7 µF, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise. The
ESR of a typical 1-µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability for the LP3869x.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type.
In particular, the output capacitor selection should take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependent on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, Figure 27 shows a typical graph comparing different capacitor
case sizes in a Capacitance vs. DC Bias plot. As shown in the graph, increasing the DC Bias condition can result
in the capacitance value falling below the minimum value given in the recommended capacitor specifications
table (0.7 µF in this case). Note that the graph shows the capacitance out of specification for the 0402 case size
capacitor at higher bias voltages. It is therefore recommended that the capacitor manufacturers’ specifications for
the nominal value capacitor are consulted for all conditions, as some capacitor sizes (for example, 0402) may not
be suitable in the actual application.
16
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com