Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693
Description  LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP38693 Datasheet HTML 10Page - Texas Instruments LP38693 Datasheet HTML 11Page - Texas Instruments LP38693 Datasheet HTML 12Page - Texas Instruments LP38693 Datasheet HTML 13Page - Texas Instruments LP38693 Datasheet HTML 14Page - Texas Instruments LP38693 Datasheet HTML 15Page - Texas Instruments LP38693 Datasheet HTML 16Page - Texas Instruments LP38693 Datasheet HTML 17Page - Texas Instruments LP38693 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LP38691
IN
OUT
SNS
**
GND
1 µF
*
1 µF
*
VOUT
VIN
LP38693
IN
OUT
SNS
**
GND
1 µF
*
1 µF
*
VOUT
VIN
VEN
EN
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321N – JANUARY 2005 – REVISED MARCH 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Reverse Voltage
A reverse voltage condition will exist when the voltage at the output pin is higher than the voltage at the input pin.
Typically this will happen when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed. A less common condition is when an alternate voltage source is
connected to the output.
There are two possible paths for current to flow from the OUT pin back to IN during a reverse voltage condition.
1. While VIN is high enough to keep the control circuity alive, and the EN pin (LP38693 only) is above the
VEN(ON) threshold, the control circuitry will attempt to regulate the output voltage. If the input voltage is less
than the programmed output voltage, the control circuit will drive the gate of the pass element to the full ON
condition. In this condition, reverse current will flow from the OUT to the IN pin, limited only by the RDS(ON) of
the pass element and the output to input voltage differential. Discharging an output capacitor up to 1000
μF
in this manner will not damage the device as the current will rapidly decay. However, continuous reverse
current should be avoided. When the EN pin is low, this condition will be prevented.
2. The internal PFET pass element has an inherent parasitic diode. During normal operation, the input voltage
is higher than the output voltage and the parasitic diode is reverse biased. However, when VIN is below the
value where the control circuity is alive, or the EN pin is low (LP38693 only), and the output voltage is more
than 500 mV (typical) above the input voltage the parasitic diode becomes forward biased and current flows
from the output pin to the input pin through the diode. The current in the parasitic diode should be limited to
less than 1 A continuous and 5 A peak.
If used in a dual-supply system where the regulator output load is returned to a negative supply, the output
pin must be diode clamped to ground to limit the negative voltage transition. A Schottky diode is
recommended for this protective clamp.
9.2 Typical Application
* Minimum value required for stability.
**WSON package devices only.
14
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com