Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693
Description  LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693 Datasheet(HTML) 2 Page - Texas Instruments

  LP38693 Datasheet HTML 1Page - Texas Instruments LP38693 Datasheet HTML 2Page - Texas Instruments LP38693 Datasheet HTML 3Page - Texas Instruments LP38693 Datasheet HTML 4Page - Texas Instruments LP38693 Datasheet HTML 5Page - Texas Instruments LP38693 Datasheet HTML 6Page - Texas Instruments LP38693 Datasheet HTML 7Page - Texas Instruments LP38693 Datasheet HTML 8Page - Texas Instruments LP38693 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LP38691, LP38693, LP38691-Q1, LP38693-Q1
SNVS321N – JANUARY 2005 – REVISED MARCH 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 13
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 14
3
Description ............................................................. 1
9.1
Application Information............................................ 14
4
Typical Application Circuits ................................. 1
9.2
Typical Application ................................................. 14
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 19
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 19
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 19
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 20
7.2
ESD Ratings: LP38691 and LP38693....................... 4
12
Device and Documentation Support ................. 21
7.3
ESD Ratings: LP38691-Q1 and LP38693-Q1........... 4
12.1
Documentation Support ........................................ 21
7.4
Recommended Operating Conditions ....................... 4
12.2
Related Links ........................................................ 21
7.5
Thermal Information .................................................. 5
12.3
Trademarks ........................................................... 21
7.6
Electrical Characteristics........................................... 5
12.4
Electrostatic Discharge Caution ............................ 21
7.7
Typical Characteristics .............................................. 7
12.5
Glossary ................................................................ 21
8
Detailed Description ............................................ 11
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 11
Information ........................................................... 21
8.2
Functional Block Diagrams ..................................... 11
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (February 2015) to Revision N
Page
•
Added "Cout = xx pF" to "Cout = µF" for Figures 4 through 6 in Typical Characteristics ...................................................... 1
Changes from Revision L (December 2014) to Revision M
Page
•
Changed wording of Description and added one item to Features; update Vin, Vout and Ven pin names to IN, OUT,
and EN in text and graphics .................................................................................................................................................. 1
•
Changed "PFM" to 'TO-252" .................................................................................................................................................. 4
•
Changed Handling Ratings to ESD Ratings format ............................................................................................................... 4
Changes from Revision K (April 2013) to Revision L
Page
•
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section; update thermal values .......................... 1
Changes from Revision J (April 2013) to Revision K
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 18
2
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693 LP38691-Q1 LP38693-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com