Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP38853
Description  LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38853 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 11Page - Texas Instruments LP38853_15 Datasheet HTML 12Page - Texas Instruments LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments LP38853_15 Datasheet HTML 17Page - Texas Instruments LP38853_15 Datasheet HTML 18Page - Texas Instruments LP38853_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LP38853
www.ti.com
SNVS335D – DECEMBER 2006 – REVISED APRIL 2013
Figure 32. Typical CSS vs COUT Values
The CSS capacitor must be connected to a clean ground path back to the device ground pin. No components,
other than CSS, should be connected to the SS pin, as there could be adverse effects to VOUT.
If the Soft-Start function is not needed the SS pin should be left open, although some minimal capacitance value
is always recommended.
ENABLE OPERATION
The Enable pin (EN) provides a mechanism to enable, or disable, the regulator output stage. The Enable pin has
an internal pull-up, through a typical 180 k
Ω resistor, to VBIAS.
If the Enable pin is actively driven, pulling the Enable pin above the VEN threshold of 1.25V (typical) will turn the
regulator output on, while pulling the Enable pin below the VEN threshold will turn the regulator output off. There
is approximately 100 mV of hysteresis built into the Enable threshold provide noise immunity.
If the Enable function is not needed this pin should be left open, or connected directly to VBIAS. If the Enable pin
is left open, stray capacitance on this pin must be minimized, otherwise the output turn-on will be delayed while
the stray capacitance is charged through the internal resistance (rEN).
POWER DISSIPATION AND HEAT-SINKING
Additional copper area for heat-sinking may be required depending on the maximum device dissipation (PD) and
the maximum anticipated ambient temperature (TA) for the device. Under all possible conditions, the junction
temperature must be within the range specified under operating conditions.
The total power dissipation of the device is the sum of three different points of dissipation in the device.
The first part is the power that is dissipated in the NMOS pass element, and can be determined with the formula:
PD(PASS) = (VIN - VOUT) × IOUT
(8)
The second part is the power that is dissipated in the bias and control circuitry, and can be determined with the
formula:
PD(BIAS) = VBIAS × IGND(BIAS)
where
IGND(BIAS) is the portion of the operating ground current of the device that is related to VBIAS.
(9)
The third part is the power that is dissipated in portions of the output stage circuitry, and can be determined with
the formula:
PD(IN) = VIN × IGND(IN)
where
IGND(IN) is the portion of the operating ground current of the device that is related to VIN.
(10)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com