Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP38853
Description  LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38853 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments LP38853_15 Datasheet HTML 17Page - Texas Instruments LP38853_15 Datasheet HTML 18Page - Texas Instruments LP38853_15 Datasheet HTML 19Page - Texas Instruments LP38853_15 Datasheet HTML 20Page - Texas Instruments LP38853_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AMBIENT TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
PFM Package
1 Sq Inch of 1 oz. Copper
qJA = 35°C/W
TJ=125°C
TJ < 125°C
5
4
3
2
1
0
LP38853
www.ti.com
SNVS335D – DECEMBER 2006 – REVISED APRIL 2013
Figure 33.
θJA vs Copper (1 Ounce) Area for the
Figure 34. 101Maximum Power Dissipation vs
DDPAK package
Ambient Temperature for the DDPAK Package
Heat-Sinking The SO PowerPAD-8 Package
The LP38853MR package has a
θJA rating of 168°C/W, and a θJC rating of 11°C/W. The θJA rating of 168°C/W
includes the device DAP soldered to an area of 0.008 square inches (0.09 in x 0.09 in) of 1 ounce copper, with
no airflow.
Increasing the copper area soldered to the DAP to 1 square inch of 1 ounce copper, using a dog-bone type
layout, will improve the
θJA rating to 98°C/W. Figure 35 shows that increasing the copper area beyond 1 square
inch produces very little improvement.
Figure 36 shows the maximum allowable power dissipation for the SO PowerPAD-8 package for a range of
ambient temperatures, assuming
θJA is 98°C/W and the maximum junction temperature is 125°C.
Figure 35.
θJA vs Copper (1 Ounce) Area for the SO Figure 36. Maximum Power Dissipation vs Ambient
PowerPAD-8 Package
Temperature for the SO PowerPAD-8 Package
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com