Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP38853
Description  LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38853 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 12Page - Texas Instruments LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments LP38853_15 Datasheet HTML 17Page - Texas Instruments LP38853_15 Datasheet HTML 18Page - Texas Instruments LP38853_15 Datasheet HTML 19Page - Texas Instruments LP38853_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
(
)
HA
JA
CH
JC
q
£ q
- q
+ q
D
J
JA
P
T
T
'
d
A(MAX)
J(MAX)
J
T
-
T
' =
LP38853
SNVS335D – DECEMBER 2006 – REVISED APRIL 2013
www.ti.com
The total power dissipation is then:
PD = PD(PASS) + PD(BIAS) + PD(IN)
(11)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum anticipated ambient
temperature (TA) for the application, and the maximum allowable operating junction temperature (TJ(MAX)) .
(12)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
(13)
Heat-Sinking The PFM Package
The PFM package has a
θJA rating of 60°C/W and a θJC rating of 3°C/W. These ratings are for the package only,
no additional heat-sinking, and with no airflow. If the needed
θJA, as calculated above, is greater than or equal to
60°C/W then no additional heat-sinking is required since the package can safely dissipate the heat and not
exceed the operating TJ(MAX). If the needed θJA is less than 60°C/W then additional heat-sinking is needed.
The thermal resistance of a PFM package can be reduced by attaching it to a heat sink or a copper plane on a
PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for DDPAK
package.
The heat-sink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA:
where
θJA is the required total thermal resistance from the junction to the ambient air
θCH is the thermal resistance from the case to the surface of the heart-sink
θJC is the thermal resistance from the junction to the surface of the case.
(14)
For this equation,
θJC is about 3°C/W for a PFM package. The value for θCH depends on method of attachment,
insulator, etc.
θCH varies between 1.5°C/W to 2.5°C/W. Consult the heat-sink manufacturer datasheet for details
and recommendations.
Heat-Sinking The DDPAK Package
The DDPAK package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the package
only, no additional heat-sinking, and with no airflow.
The DDPAK package uses the copper plane on the PCB as a heat-sink. The tab of this package is soldered to
the copper plane for heat sinking. Figure 33 shows a curve for the
θJA of DDPAK package for different copper
area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat-sinking.
Figure 33 shows that increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK package mounted to a PCB is 32°C/W.
Figure 34 shows the maximum allowable power dissipation for DDPAK packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com