Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38853
Description  LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38853 Datasheet(HTML) 3 Page - Texas Instruments

  LP38853_15 Datasheet HTML 1Page - Texas Instruments LP38853_15 Datasheet HTML 2Page - Texas Instruments LP38853_15 Datasheet HTML 3Page - Texas Instruments LP38853_15 Datasheet HTML 4Page - Texas Instruments LP38853_15 Datasheet HTML 5Page - Texas Instruments LP38853_15 Datasheet HTML 6Page - Texas Instruments LP38853_15 Datasheet HTML 7Page - Texas Instruments LP38853_15 Datasheet HTML 8Page - Texas Instruments LP38853_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LP38853
www.ti.com
SNVS335D – DECEMBER 2006 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
SO PowerPAD-
PFM-7
DDPAK-7
Pin
8
Pin Description
Pin #
Pin #
Symbol
Pin #
The SO PowerPAD DAP is a thermal connection only that is
physically attached to the backside of the die, and used as a
-
-
DAP
DAP
thermal heat-sink connection. See the Application Information
section for details.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temperature Soldering, 5 seconds
260°C
ESD Rating
Human Body Model(3)
±2 kV
Power Dissipation(4)
Internally Limited
VIN Supply Voltage (Survival)
−0.3V to +6.0V
VBIAS Supply Voltage (Survival)
−0.3V to +6.0V
VSS SoftStart Voltage (Survival)
−0.3V to +6.0V
VOUT Voltage (Survival)
−0.3V to +6.0V
IOUT Current (Survival)
Internally Limited
Junction Temperature
−40°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin. Test method is per JESD22-A114.
(4)
Device power dissipation must be de-rated based on device power dissipation (PD), ambient temperature (TA), and package junction to
ambient thermal resistance (
θJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See the Application Information section for details.
Operating Ratings
(1)
VIN Supply Voltage
(VOUT + VDO) to VBIAS
VBIAS Supply Voltage
0.8V
≤ VOUT ≤ 1.2V
3.0V to 5.5V
1.2V < VOUT ≤ 1.8V
4.5V to 5.5V
VEN Voltage
0.0V to VBIAS
IOUT
0 mA to 3.0A
Junction Temperature Range(2)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Device power dissipation must be de-rated based on device power dissipation (PD), ambient temperature (TA), and package junction to
ambient thermal resistance (
θJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See the Application Information section for details.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com