Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS1UB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESDXS1UB
Description  ESD protection diodes in SOD523 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESDXS1UB Datasheet HTML 3Page - NXP Semiconductors PESDXS1UB Datasheet HTML 4Page - NXP Semiconductors PESDXS1UB Datasheet HTML 5Page - NXP Semiconductors PESDXS1UB Datasheet HTML 6Page - NXP Semiconductors PESDXS1UB Datasheet HTML 7Page - NXP Semiconductors PESDXS1UB Datasheet HTML 8Page - NXP Semiconductors PESDXS1UB Datasheet HTML 9Page - NXP Semiconductors PESDXS1UB Datasheet HTML 10Page - NXP Semiconductors PESDXS1UB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PESDXS1UB_SERIES_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
7 of 15
NXP Semiconductors
PESDxS1UB series
ESD protection diodes in SOD523 package
Tamb = 25 °C
tp = 8/20 µs exponentially decay waveform,
see Figure 1
(1) PESD3V3S1UB and PESD5V0S1UB
(2) PESD12VS1UB, PESD15VS1UB; PESD24VS1UB
Fig 3.
Peak pulse power dissipation as a function of
pulse time; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
f = 1 MHz; Tamb = 25 °C
(1) PESD3V3S1UB
(2) PESD5V0S1UB
f = 1 MHz; Tamb = 25 °C
(1) PESD12VS1UB
(2) PESD15VS1UB
(3) PESD24VS1UB
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
001aaa147
103
102
104
Ppp
(W)
10
tp (µs)
1104
103
10
102
(1)
(2)
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
VR (V)
05
4
23
1
001aaa148
120
160
80
200
240
Cd
(pF)
40
(1)
(2)
VR (V)
025
20
10
15
5
001aaa149
20
30
10
40
50
Cd
(pF)
0
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com