Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS1UB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESDXS1UB
Description  ESD protection diodes in SOD523 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UB Datasheet(HTML) 1 Page - NXP Semiconductors

  PESDXS1UB Datasheet HTML 1Page - NXP Semiconductors PESDXS1UB Datasheet HTML 2Page - NXP Semiconductors PESDXS1UB Datasheet HTML 3Page - NXP Semiconductors PESDXS1UB Datasheet HTML 4Page - NXP Semiconductors PESDXS1UB Datasheet HTML 5Page - NXP Semiconductors PESDXS1UB Datasheet HTML 6Page - NXP Semiconductors PESDXS1UB Datasheet HTML 7Page - NXP Semiconductors PESDXS1UB Datasheet HTML 8Page - NXP Semiconductors PESDXS1UB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Unidirectional ESD protection diode in a SOD523 plastic package designed to protect one
transmission or data line from the damage caused by ESD (ElectroStatic Discharge) and
other transients.
1.2 Features
I Unidirectional ESD protection of one line
I Max. peak pulse power: PPP = 330 W at tp = 8/20 µs
I Low clamping voltage: VCL = 20 V at IPP = 18 A
I Ultra low leakage current: IRM < 700 nA
I ESD protection > 23 kV
I IEC 61000-4-2, level 4 (ESD)
I IEC 61000-4-5 (surge); IPP = 18 A at tp = 8/20 µs
1.3 Applications
I Computers and peripherals
I Communication systems
I Audio and video equipment
I Data lines
I CAN bus protection
1.4 Quick reference data
PESDxS1UB series
ESD protection diodes in SOD523 package
Rev. 02 — 24 August 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Value
Unit
VRWM
reverse standoff voltage
PESD3V3S1UB
3.3
V
PESD5V0S1UB
5
V
PESD12VS1UB
12
V
PESD15VS1UB
15
V
PESD24VS1UB
24
V


Similar Part No. - PESDXS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
More results

Similar Description - PESDXS1UB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
ESD Protection Diode in SOD523
04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V_08 Datasheet
120Kb / 7P
ESD-Protection Diode in SOD523
27-Oct-08
VESD01-02V VISHAY-VESD01-02V Datasheet
383Kb / 5P
Single ESD Protection Diode in SOD523
11-Dec-06
logo
NXP Semiconductors
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Nexperia B.V. All right...
PESD3V3S1UB-Q NEXPERIA-PESD3V3S1UB-Q Datasheet
225Kb / 12P
ESD protection diode in SOD523 package
31 May 2022
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
ESD protection diode in SOD523 package
18 August 2022
PESD12VS1UB NEXPERIA-PESD12VS1UB Datasheet
219Kb / 11P
ESD protection diode in SOD523 package
29 November 2018
PESD24VS1UB NEXPERIA-PESD24VS1UB Datasheet
220Kb / 11P
ESD protection diode in SOD523 package
29 November 2018
PESD3V3S1UB NEXPERIA-PESD3V3S1UB Datasheet
226Kb / 12P
ESD protection diode in SOD523 package
11 April 2023
PESD15VS1UB NEXPERIA-PESD15VS1UB Datasheet
226Kb / 12P
ESD protection diode in SOD523 package
14 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com