Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS1UB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESDXS1UB
Description  ESD protection diodes in SOD523 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UB Datasheet(HTML) 2 Page - NXP Semiconductors

  PESDXS1UB Datasheet HTML 1Page - NXP Semiconductors PESDXS1UB Datasheet HTML 2Page - NXP Semiconductors PESDXS1UB Datasheet HTML 3Page - NXP Semiconductors PESDXS1UB Datasheet HTML 4Page - NXP Semiconductors PESDXS1UB Datasheet HTML 5Page - NXP Semiconductors PESDXS1UB Datasheet HTML 6Page - NXP Semiconductors PESDXS1UB Datasheet HTML 7Page - NXP Semiconductors PESDXS1UB Datasheet HTML 8Page - NXP Semiconductors PESDXS1UB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PESDXS1UB_SERIES_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
2 of 15
NXP Semiconductors
PESDxS1UB series
ESD protection diodes in SOD523 package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Cd
diode capacitance
VR = 0 V; f = 1 MHz
PESD3V3S1UB
207
pF
PESD5V0S1UB
152
pF
PESD12VS1UB
38
pF
PESD15VS1UB
32
pF
PESD24VS1UB
23
pF
number of protected
lines
1
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Value
Unit
Table 2.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym035
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESDxS1UB
SC -79
plastic surface mounted package; 2 leads
SOD523
Table 4.
Marking
Type number
Marking code
PESD3V3S1UB
N1
PESD5V0S1UB
N2
PESD12VS1UB
N3
PESD15VS1UB
N4
PESD24VS1UB
N5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com