Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS1UB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXS1UB
Description  ESD protection diodes in SOD523 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UB Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXS1UB Datasheet HTML 1Page - NXP Semiconductors PESDXS1UB Datasheet HTML 2Page - NXP Semiconductors PESDXS1UB Datasheet HTML 3Page - NXP Semiconductors PESDXS1UB Datasheet HTML 4Page - NXP Semiconductors PESDXS1UB Datasheet HTML 5Page - NXP Semiconductors PESDXS1UB Datasheet HTML 6Page - NXP Semiconductors PESDXS1UB Datasheet HTML 7Page - NXP Semiconductors PESDXS1UB Datasheet HTML 8Page - NXP Semiconductors PESDXS1UB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PESDXS1UB_SERIES_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
3 of 15
NXP Semiconductors
PESDxS1UB series
ESD protection diodes in SOD523 package
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponentially decay waveform; see Figure 1.
[1]
Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses; see Figure 2.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPP
peak pulse power
8/20
µs
[1]
PESD3V3S1UB
-
330
W
PESD5V0S1UB
-
260
W
PESD12VS1UB
-
180
W
PESD15VS1UB
-
160
W
PESD24VS1UB
-
160
W
IPP
peak pulse current
8/20
µs
[1]
PESD3V3S1UB
-
18
A
PESD5V0S1UB
-
15
A
PESD12VS1UB
-
5
A
PESD15VS1UB
-
5
A
PESD24VS1UB
-
3
A
Tj
junction temperature
-
150
°C
Tamb
operating ambient
temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
ESD
electrostatic discharge
capability
IEC 61000-4-2
(contact discharge)
[1]
PESD3V3S1UB
-
30
kV
PESD5V0S1UB
-
30
kV
PESD12VS1UB
-
30
kV
PESD15VS1UB
-
30
kV
PESD24VS1UB
-
23
kV
PESDxS1UB series
HBM MIL-STD883
-
10
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2, level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
HBM MIL-STD883, class 3
> 4 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com