Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4424
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424 Datasheet(HTML) 5 Page - Microchip Technology

  TC4424 Datasheet HTML 1Page - Microchip Technology TC4424 Datasheet HTML 2Page - Microchip Technology TC4424 Datasheet HTML 3Page - Microchip Technology TC4424 Datasheet HTML 4Page - Microchip Technology TC4424 Datasheet HTML 5Page - Microchip Technology TC4424 Datasheet HTML 6Page - Microchip Technology TC4424 Datasheet HTML 7Page - Microchip Technology TC4424 Datasheet HTML 8Page - Microchip Technology TC4424 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4423
TC4424
TC4425
TC4423/4/5-6 10/21/96
© 2001 Microchip Technology Inc.
DS21421A
TYPICAL CHARACTERISTICS (Cont.)
–55 –35 –15
5
25
45
65
85
105 125
Propagation Delay Time vs. Supply Voltage
50
45
40
35
30
25
20
Quiescent Current vs. Temperature
1
0.1
0.01
4
6
8
1012141618
Delay Time vs. Temperature
50
45
40
35
30
25
20
TA (°C)
DD
V
–55 –35 –15
5
25
45
65
85
105 125
4
6
8
10
12
14
16
18
TA (°C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Quiescent Current vs. Supply Voltage
DD
V
Output Resistance (Output High)
vs. Supply Voltage
14
12
10
8
6
4
2
4
6
8
10
12
14
16
18
DD
V
Output Resistance (Output Low)
vs. Supply Voltage
14
12
10
8
6
4
2
4
6
8
10
12
14
16
18
DD
V
C
= 2200 pF
LOAD
C
= 2200 pF
LOAD
tD2
tD2
tD2
tD2
BOTH INPUTS = 1
INPUTS = 1
INPUTS = 0
WORST CASE @ TJ = +150°C
TYP @ TA = +25°C
TYP @ TA = +25°C
WORST CASE @ TJ = +150°C
TA = +25°C
BOTH INPUTS = 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com