Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4424
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424 Datasheet(HTML) 2 Page - Microchip Technology

  TC4424 Datasheet HTML 1Page - Microchip Technology TC4424 Datasheet HTML 2Page - Microchip Technology TC4424 Datasheet HTML 3Page - Microchip Technology TC4424 Datasheet HTML 4Page - Microchip Technology TC4424 Datasheet HTML 5Page - Microchip Technology TC4424 Datasheet HTML 6Page - Microchip Technology TC4424 Datasheet HTML 7Page - Microchip Technology TC4424 Datasheet HTML 8Page - Microchip Technology TC4424 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4423
TC4424
TC4425
TC4423/4/5-6 10/21/96
© 2001 Microchip Technology Inc.
DS21421A
SOIC RθJ-A ................................................... 155°C/W
SOIC RθJ-C ..................................................... 75°C/W
Operating Temperature Range
C Version ............................................... 0
°C to +70°C
I Version ............................................ - 25
°C to +85°C
E Version ........................................... - 40
°C to +85°C
M Version ........................................ - 55
°C to +125°C
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ...................................................... 730mW
CerDIP ............................................................ 800mW
SOIC ............................................................... 470mW
ELECTRICAL CHARACTERISTICS: TA = +25°C with 4.5V
≤ V
DD
≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VOH
Logic 1 High Input Voltage
2.4
—
—
V
VIL
Logic 0 Low Input Voltage
—
—
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 1
—
1
µA
Output
VOH
High Output Voltage
VDD – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 18V
—
2.8
5
Ω
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 18V
—
3.5
5
Ω
IPK
Peak Output Current
—
3
—
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
1.5
—
—
A
Withstand Reverse Current
t
≤ 300 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 1800pF
—
23
35
nsec
tF
Fall Time
Figure 1, CL = 1800pF
—
25
35
nsec
tD1
Delay Time
Figure 1, CL = 1800pF
—
33
75
nsec
tD2
Delay Time
Figure 1, CL = 1800pF
—
38
75
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
—
1.5
2.5
mA
VIN = 0V (Both Inputs)
—
0.15
0.25
mA
PIN CONFIGURATIONS
8-Pin DIP
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
NC
OUT A
NC
IN A
IN B
VDD
NC
GND
GND
NC
OUT A
VDD
OUT B
OUT B
NC
NC
OUT A
DD
OUT A
DD
OUT B
OUT B
NC
NC
OUT A
VDD
OUT A
VDD
OUT B
OUT B
NC
4423
4424
4425
NC
OUT A
OUT B
VDD
NC
OUT A
OUT B
VDD
4423
4424
4425
V
V
16-Pin SO Wide
1
2
3
4
5
6
7
8
16
13
12
11
10
9
15
14
NC
NC = NO CONNECTION
NOTE: Duplicate pins must both be connected for proper operation.
TC4423
TC4424
TC4425
TC4423
TC4424
TC4425
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... +22V
Input Voltage, IN A or IN B ...... VDD + 0.3V to GND – 5.0V
Maximum Chip Temperature ................................. +150
°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Thermal Resistance
CerDIP RθJ-A ................................................ 150°C/W
CerDIP RθJ-C .................................................. 55°C/W
PDIP RθJ-A ................................................... 125°C/W
PDIP RθJ-C ..................................................... 45°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com