Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4424
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424 Datasheet(HTML) 6 Page - Microchip Technology

  TC4424 Datasheet HTML 1Page - Microchip Technology TC4424 Datasheet HTML 2Page - Microchip Technology TC4424 Datasheet HTML 3Page - Microchip Technology TC4424 Datasheet HTML 4Page - Microchip Technology TC4424 Datasheet HTML 5Page - Microchip Technology TC4424 Datasheet HTML 6Page - Microchip Technology TC4424 Datasheet HTML 7Page - Microchip Technology TC4424 Datasheet HTML 8Page - Microchip Technology TC4424 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4423
TC4424
TC4425
TC4423/4/5-6 10/21/96
© 2001 Microchip Technology Inc.
DS21421A
SUPPLY CURRENT CHARACTERISTICS (Load on Single Output Only)
10,000 pF
10,000 pF
Supply Current vs. Capacitive Load
100
1000
10,000
60
50
40
30
20
10
0
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Capacitive Load
100
1000
10,000
Supply Current vs. Frequency
FREQUENCY (kHz)
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
0
Supply Current vs. Frequency
10
100
1000
FREQUENCY (kHz)
355 kHz
200 kHz
35.5 kHz
634 kHz
2 MHz
100 pF
1000 pF
4700 pF
100 pF
V
= 12V
DD
V
= 12V
DD
V
= 6V
DD
CLOAD (pF)
V
= 18V
DD
60
50
40
30
20
10
0
10
100
1000
112.5 kHz
20 kHz
3300 pF
100 pF
1000 pF
63.4 kHz
DD
V
= 18V
3300 pF
1000 pF
1.125 MHz
634 kHz
355 kHz
200 kHz
112.5 kHz
63.4 kHz
20 kHz
90
80
70
60
50
40
30
20
10
0
634 kHz
355 kHz
112.5 kHz
20 kHz
2 MHz
1.125 MHz
3.55 MHz
120
100
80
60
40
20
0
10,000 pF
DD
V
= 6V
2200 pF
120
100
80
60
40
20
0
CLOAD (pF)
CLOAD (pF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com