Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4424
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424 Datasheet(HTML) 1 Page - Microchip Technology

  TC4424 Datasheet HTML 1Page - Microchip Technology TC4424 Datasheet HTML 2Page - Microchip Technology TC4424 Datasheet HTML 3Page - Microchip Technology TC4424 Datasheet HTML 4Page - Microchip Technology TC4424 Datasheet HTML 5Page - Microchip Technology TC4424 Datasheet HTML 6Page - Microchip Technology TC4424 Datasheet HTML 7Page - Microchip Technology TC4424 Datasheet HTML 8Page - Microchip Technology TC4424 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC4423
TC4424
TC4425
TC4423/4/5-6 10/21/96
© 2001 Microchip Technology Inc.
DS21421A
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC4423COE
16-Pin SOIC (Wide)
0
°C to +70°C
TC4423CPA
8-Pin Plastic DIP
0
°C to +70°C
TC4423EOE
16-Pin SOIC (Wide)
– 40
°C to +85°C
TC4423EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC4423MJA
8-Pin CerDIP
– 55
°C to +125°C
TC4424COE
16-Pin SOIC (Wide)
0
°C to +70°C
TC4424CPA
8-Pin Plastic DIP
0
°C to +70°C
TC4424MJA
8-Pin CerDIP
– 55
°C to +125°C
FEATURES
s
High Peak Output Current .................................. 3A
s
Wide Operating Range .......................... 4.5V to 18V
s
High Capacitive Load
Drive Capability .......................... 1800pF in 25nsec
s
Short Delay Times ............................. <40nsec Typ.
s
Matched Rise/Fall Times
s
Low Supply Current
— With Logic "1" Input ................................. 3.5mA
— With Logic "0" Input ................................. 350
µA
s
Low Output Impedance ............................ 3.5
Ω Typ.
s
Latch-Up Protected .. Will Withstand 1.5A Reverse
Current
s
Logic Input Will Withstand Negative Swing Up
to 5V
s
ESD Protected ..................................................... 4kV
s
Pinouts Same as TC1426/27/28; TC4426/27/28
GENERAL DESCRIPTION
The TC4423/4424/4425 are higher output current ver-
sions of the new TC4426/4427/4428 buffer/drivers, which, in
turn, are improved versions of the earlier TC426/427/428
series. All three families are pin-compatible. The TC4423/
4424/4425 drivers are capable of giving reliable service in
far more demanding electrical environments than their ante-
cedents.
Although primarily intended for driving power MOSFETs,
the TC4423/4424/4425 drivers are equally well-suited to
driving any other load (capacitive, resistive, or inductive)
which requires a low impedance driver capable of high peak
currents and fast switching times. For example, heavily
loaded clock lines, coaxial cables, or piezoelectric transduc-
ers can all be driven from the TC4423/4424/4425. The only
known limitation on loading is the total power dissipated in
the driver must be kept within the maximum power dissipa-
tion limits of the package.
Temperature
Part No
Package
Range
TC4424EOE
16-Pin SO Wide
– 40
°C to +85°C
TC4424EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC4425MJA
8-Pin CerDIP
– 55
°C to +125°C
TC4425COE
16-Pin SO Wide
0
°C to +70°C
TC4425CPA
8-Pin Plastic DIP
0
°C to +70°C
TC4425EOE
16-Pin SO Wide
– 40
°C to +85°C
TC4425EPA
8-Pin Plastic DIP
– 40
°C to +85°C
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
FUNCTIONAL BLOCK DIAGRAM
EFFECTIVE
INPUT C = 20 pF
(EACH INPUT)
TC4423
TC4424
TC4425
DUAL INVERTING
DUAL NONINVERTING
ONE INV., ONE NONINV.
OUTPUT
INPUT
GND
VDD
300 mV
4.7V
NOTES:
1. TC4425 has one inverting and one noninverting driver.
2. Ground any unused driver input.
INVERTING
NONINVERTING


Similar Part No. - TC4424

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4424 TELCOM-TC4424 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4424 MICROCHIP-TC4424 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4424 MICROCHIP-TC4424 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424A MICROCHIP-TC4424A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC4424A MICROCHIP-TC4424A Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

Similar Description - TC4424

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2005
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com