Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 4 Page - Microchip Technology

  TC500 Datasheet HTML 1Page - Microchip Technology TC500 Datasheet HTML 2Page - Microchip Technology TC500 Datasheet HTML 3Page - Microchip Technology TC500 Datasheet HTML 4Page - Microchip Technology TC500 Datasheet HTML 5Page - Microchip Technology TC500 Datasheet HTML 6Page - Microchip Technology TC500 Datasheet HTML 7Page - Microchip Technology TC500 Datasheet HTML 8Page - Microchip Technology TC500 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC500/A/510/514
DS21428B-page 4
© 2002 Microchip Technology Inc.
Analog (Continued)
VCMR
Common Mode
Voltage Range
VSS +1.5
—
VDD –1.5 VSS +1.5
—
VDD –1.5
V
Integrator Output
Swing
VSS +0.9
—
VDD –0.9 VSS +0.9
—
VSS +0.9
V
Analog Input Signal-
Range
VSS +1.5
—
VDD –1.5 VSS +1.5
—
VSS +1.5
V
ACOM = GND = 0V
VREF
Voltage Reference
Range
VSS +1
—
VDD –1
VSS +1
—
VDD –1
V
VREF-VREF+
Digital
VOH
Comparator Logic 1,
Output High
4
—
—4
—
—
V
ISOURCE =400µA
VOL
Comparator Logic 0,
Output Low
—
—
0.4
—
—
0.4
V
ISINK =2.1mA
VIH
Logic 1, Input High
Voltage
3.5
—
—3.5
—
—
V
VIL
Logic 0, Input Low
Voltage
—
—
1—
—
1
V
IL
Logic Input Current
—
—
——
0.3
µA
Logic 1 or 0
tD
Comparator Delay
—
2
—
—
3
—
µsec
Multiplexer (TC514 Only)
Maximum Input
Voltage
-2.5
—
2.5
-2.5
—
2.5
V
VDD =5V
RDSON
Drain/Source ON
Resistance
—6
10
—
—
—k
Ω
VDD =5V
Power (TC510/TC514 Only)
IS
Supply Current
—
1.8
2.4
—
—
3.5
mA
VDD =5V, A = 1, B = 1
PD
Power Dissipation
—
18
—
—
—
—
mW
VDD =5V
VDD
Positive Supply Oper-
ating Voltage Range
4.5
—
5.5
4.5
—
5.5
V
ROUT
Operating Source
Resistance
—60
85
—
—
100
Ω
IOUT =10mA
Oscillator Frequency
—
100
—
—
—
—
kHz
(Note 3)
IOUT
Maximum Current Out
—
—
-10
—
—
-10
mA
VDD =5V
Power (TC500/TC500A Only)
IS
Supply Current
—
1
1.5
—
—
2.5
mA
VS =±5V,A =B =1
PD
Power Dissipation
—
10
—
—
—
—
mW
VDD =5V, VSS =-5V
VDD
Positive Supply Oper-
ating Range
4.5
—
7.5
4.5
—
7.5
V
VSS
Negative Supply
Operating Range
-4.5
—
-7.5
- 4.5
—
-7.5
V
TC500/A/510/514 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V unless otherwise specified.
CAZ =CREF =0.47µF.
Symbol
Parameter
TA =+25°C
TA =0°C to 70°C
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
Note
1:
Integrate time
≥ 66msec, auto zero time ≥ 66msec, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1 /2, ±3/4 F.S. after full-scale adjustment.
3:
Roll-over error is related to CINT,CREF,CAZ characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com