Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 1 Page - Microchip Technology

  TC500 Datasheet HTML 1Page - Microchip Technology TC500 Datasheet HTML 2Page - Microchip Technology TC500 Datasheet HTML 3Page - Microchip Technology TC500 Datasheet HTML 4Page - Microchip Technology TC500 Datasheet HTML 5Page - Microchip Technology TC500 Datasheet HTML 6Page - Microchip Technology TC500 Datasheet HTML 7Page - Microchip Technology TC500 Datasheet HTML 8Page - Microchip Technology TC500 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21428B-page 1
TC500/A/510/514
Features
• Precision (up to 17-bits) A/D Converter "Front End"
• 3-Pin Control Interface to Microprocessor
• Flexible: User Can Trade-off Conversion Speed
for Resolution
• Single Supply Operation (TC510/TC514)
• 4 Input, Differential Analog MUX (TC514)
• Automatic Input Voltage Polarity Detection
• Low Power Dissipation:
- (TC500/TC500A): 10m
Ω
- (TC510/TC514): 18m
Ω
• Wide Analog Input Range: ±4.2V (TC500A/TC510)
• Directly Accepts Bipolar and Differential
Input Signals
Applications
• Precision Analog Signal Processor
• Precision Sensor Interface
• High Accuracy DC Measurements
Device Selection Table
Package Types
Part
Number
Package
Temperature
Range
TC500ACOE
16-Pin SOIC (Wide)
0°C to +70°C
TC500ACPE
16-Pin PDIP (Narrow)
0°C to +70°C
TC500COE
16-Pin SOIC (Wide)
0°C to +70°C
TC500CPE
16-Pin PDIP (Narrow)
0°C to +70°C
TC510COG
24-Pin SOIC (Wide)
0°C to +70°C
TC510CPF
24-Pin PDIP (Narrow)
0°C to +70°C
TC514COI
28-Pin SOIC (Wide)
0°C to +70°C
TC514CPJ
28-Pin PDIP (Narrow)
0°C to +70°C
VOUT-
1
2
3
4
20
19
18
CAP-
5
6
7
8
17
23
22
21
9
10
11
12
24
25
26
27
28
DGND
A
B
CREF-
CINT
CAZ
BUF
ACOM
CH4-
CH3-
CH2-
TC514COI
TC514CPJ
CREF+
VREF-
VREF+
VDD
OSC
CMPTR OUT
CAP+
16
15
13
14
CH1-
N/C
CH1+
CH2+
CH3+
CH4+
A0
A1
28-Pin SOIC
28-Pin PDIP
24-Pin SOIC
24-Pin PDIP
1
2
3
4
16
15
14
5
6
7
8
13
19
18
17
9
10
11
12
20
21
22
23
24
TC510COG
TC510CPF
CAP-
DGND
A
B
VDD
OSC
CMPTR OUT
VIN+
VIN-
N/C
N/C
CAP+
CREF-
CINT
CAZ
BUF
ACOM
N/C
N/C
N/C
VOUT-
CREF+
VREF+
VREF-
1
2
3
4
16
15
14
13
5
6
7
12
11
10
9
8
CMPTR OUT
A
DGND
B
VDD
VIN+
VIN–
VREF+
BUF
VSS
CINT
ACOM
VREF
CREF+
CREF–
CAZ
TC500/
TC500A
CPE
TC500/
TC500A
COE
16 Pin-PDIP
16-Pin SOIC
Precision Analog Front Ends


Similar Part No. - TC500

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
logo
Toshiba Semiconductor
TC5002BP TOSHIBA-TC5002BP Datasheet
148Kb / 5P
C2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
TelCom Semiconductor, I...
TC500A TELCOM-TC500A Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
More results

Similar Description - TC500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
Photometric Front Ends
5/2020-Rev. B to Rev. C
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com