Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC500 Datasheet HTML 9Page - Microchip Technology TC500 Datasheet HTML 10Page - Microchip Technology TC500 Datasheet HTML 11Page - Microchip Technology TC500 Datasheet HTML 12Page - Microchip Technology TC500 Datasheet HTML 13Page - Microchip Technology TC500 Datasheet HTML 14Page - Microchip Technology TC500 Datasheet HTML 15Page - Microchip Technology TC500 Datasheet HTML 16Page - Microchip Technology TC500 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21428B-page 13
TC500/A/510/514
FIGURE 7-1:
NOISE THRESHOLD
7.6
Integrator Output Zero Phase
The comparator delay and the controller's response
latency may result in overshoot, causing charge
buildup on the integrator at the end of a conversion.
This charge must be removed or performance will
degrade. The Integrator Output Zero phase should be
activated (AB = 00) until CMPTR goes high. It is abso-
lutely critical that this phase be terminated immediately
so that Overshoot is not allowed to occur in the oppo-
site direction. At this point, it can be assured that the
integrator is near zero. Auto Zero should be entered
(AB = 01) and the TC5XX held in this state until the next
cycle is begun (see Figure 7-2).
FIGURE 7-2:
OVERSHOOT
7.7
Using the TC510/TC514
7.7.1
NEGATIVE SUPPLY VOLTAGE
CONVERTER (TC510, TC514)
A capacitive charge pump is employed to invert the volt-
age on VDD for negative bias within the TC510/TC514.
This voltage is also available on the VOUT- pin to provide
negative bias elsewhere in the system. Two external
capacitors are required to perform the conversion.
Timing is generated by an internal state machine driven
from an on-board oscillator. During the first phase,
capacitor CF is switched across the power supply and
charged to VS+. This charge is transferred to capacitor
COUT- during the second phase. The oscillator normally
runs at 100kHz to ensure minimum output ripple. This
frequency can be reduced by placing a capacitor from
OSC to VDD. The relationship between the capacitor
value is shown in Section 9.0.
7.7.2
ANALOG INPUT MULTIPLEXER
(TC514)
The TC514 is equipped with a four input differential
analog multiplexer. Input channels are selected using
select inputs (A1, A0). These are high-true control sig-
nals (i.e., channel 0 is selected when (A1, A0 = 00).
LowREF
Normal VREF
High VREF
S
NTH
S
NTH
30 µV
S
NTH
Slope (S) =
NTH = Noise Threshold
VREF
RINT CINT
Integrator
Output
Comparator
Output Comp
Integrate
Phase
De-integrate Phase
Integrator
Zero Phase
Zero
Crossing
Overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com