Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC500 Datasheet HTML 10Page - Microchip Technology TC500 Datasheet HTML 11Page - Microchip Technology TC500 Datasheet HTML 12Page - Microchip Technology TC500 Datasheet HTML 13Page - Microchip Technology TC500 Datasheet HTML 14Page - Microchip Technology TC500 Datasheet HTML 15Page - Microchip Technology TC500 Datasheet HTML 16Page - Microchip Technology TC500 Datasheet HTML 17Page - Microchip Technology TC500 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC500/A/510/514
DS21428B-page 14
© 2002 Microchip Technology Inc.
8.0
DESIGN EXAMPLE
(SEE FIGURES 8-1 TO 8-4)
Given:
Required Resolution: (16 Bits (65,536
counts).
Maximum VIN:±2V
Power Supply Voltage: +5V
60Hz System
Step 1: Pick integration time (tINT) as a multiple of the
line frequency:
1/60Hz = 16.6msec. Use 4x line frequency
=66msec
Step 2: Calculate RINT
RINT =VIN(MAX) /20µA2 /20µA = 100kΩ
Step 3: Calculate CINT for maximum (4V) integrator
output swing:
CINT =(tINT)(20 x10
–6)/(V
S -0.9)
= (.066) (20 x 10 –6)/ (4.1)
= .32µF (use closest value: 0.33µF)
Note:
Microchip recommended capacitor:
Evox-Rifa p/n: 5MR5 334K50J03L4.
Step 4: Choose CREF and CAZ based on conversion
rate:
Conversions/sec:
=1/(TAZ +TINT +2TINT +2msec)
= 1/(66msec +66msec
+132msec +2msec)
= 3.7 conversions/sec
From which CAZ =CREF =0.22µF
(see Table 6-1)
Note:
Microchip recommended capacitor:
Evox-Rifa p/n: 5MR5 224K50J02L4
Step 5: Calculate VREF
EQUATION 8-1:
(VS -0.9) (CINT)(RINT)
VREF =
2(TINT)
=(4.1) (0.33x1–6)(105) / 2(.066)
= 1.025V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com