Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD4606G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD4606G-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UD4606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-144.D
ABSOLUTE MAXIMUM RATINGS (TA = 25°С, unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note2)
ID
6.9
A
Pulsed Drain Current (Note2)
IDM
30
A
Power Dissipation
DIP-8
PD
2.5
W
SOP-8
2
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
P-CHANNEL
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 2)
ID
-6
A
Pulsed Drain Current (Note 2)
IDM
-30
A
Power Dissipation
DIP-8
PD
2.5
W
SOP-8
2
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface Mounted on 1in
2 pad area, t≤10sec
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note)
DIP-8
θJA
74
110
°С/W
SOP-8
67
80
°С/W
Note: Surface Mounted on 1in
2 pad area, t≤10sec
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
30
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250uA
1
1.9
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6.9A
22.5
28
mΩ
VGS=4.5V, ID=5A
34.5
42
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V,VDS=15V,f=1.0MHz
680
pF
Output Capacitance
COSS
102
pF
Reverse Transfer Capacitance
CRSS
77
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
VDS=15V, VGS=10V, RG=3Ω,
RL=2.2Ω
4.6
ns
Turn-ON Rise Time
tR
4.1
ns
Turn-OFF Delay Time
tD(OFF)
20.6
ns
Turn-OFF Fall Time
tF
5.2
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com