Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD4606G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD4606G-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UD4606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-144.D
LECTRICAL CHARACTERISTICS(Cont.)
N-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Total Gate Charge (Note2)
QG
VDS=15V, VGS=10V, ID=6.9A
13.8
nC
Gate-Source Charge
QGS
1.82
nC
Gate-Drain Charge
QGD
3.2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=1A, VGS=0V
0.76
1
V
Diode Continuous Forward Current (Note3)
IS
3
A
Reverse Recovery Time
tRR
IDS=6.9A, dI/dt=100A/μs
16.5
ns
Reverse Recovery Charge
QRR
7.8
nC
P-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-1.2
-2
-2.4
V
Drain-Source On-State Resistance (Note2)
RDS(ON)
VGS=-10V, ID=-6A
28
35
mΩ
VGS=-4.5V, ID=-5A
44
58
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V,VDS=-15V,f=1.0MHz
920
pF
Output Capacitance
COSS
190
pF
Reverse Transfer Capacitance
CRSS
122
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
VDS=-15V, VGS=-10V,
RG=3Ω, RL=2.7Ω
7.7
ns
Turn-ON Rise Time
tR
5.7
ns
Turn-OFF Delay Time
tD(OFF)
20.2
ns
Turn-OFF Fall Time
tF
9.5
ns
Total Gate Charge (Note2)
QG
VDS=-15V, VGS=-10V, ID=-6A
18.5
nC
Gate-Source Charge
QGS
2.7
nC
Gate-Drain Charge
QGD
4.5
nC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=-1A, VGS=0V
-0.76
-1
V
Diode Continuous Forward Current (Note3)
IS
-4.2
A
Reverse Recovery Time
tRR
IDS=-6A, dI/dt=100A/μs
20
ns
Reverse Recovery Charge
QRR
8.8
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300µs, duty cycle ≤2%.
3. Surface Mounted on 1in
2 pad area, t≤10sec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com