Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UD4606G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UD4606G-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UD4606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-144.D
TYPICAL CHARACTERISTICS(Cont.)
TJ(Max)=150℃
TA=25℃
40
30
20
10
0
0.001 0.01
0.1
1
10
100
1000
Pulse Width (s)
Single Pulse Power Rating Junction-
to-Ambient
VDS=-15V
ID=-6A
10
8
6
4
2
0
04
8
12
16
20
Gate-Charge Characteristics
Gate Charge,-QG (nC)
Drain to Source Voltage,-VDS (V)
10μs
100μs
1ms
10ms
0.1s
1s
10s
DC
RDS(ON) Limited
TJ(Max)=150℃
TA=25℃
100.0
10.0
1.0
0.1
0.1
1
10
100
Maximum Forward Biased Safe
Operating Area
Single Pulse
10
1
0.1
0.01
0.00010.001 0.01 0.1
1 10
100 1000
0.00001
Pulse Width (s)
Normalized Maximum Transient
Thermal Impedance
In descending order
D=0.5,0.3,0.1,0.05,0.
02,0.01,single pulse
D=TON/T
TJ,PK=TA+PDM.Z
θ
JA.RθJA
RθJA=62.5℃/W
PD
TON
T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com