Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD4606G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD4606G-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD4606
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-144.D
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC UD4606 provides excellent RDS(ON) and low gate
charge by using advanced trench technology MOSFETs. The
complementary MOSFETs may be help to form a level shifted high
side switch and also for lots of other applications.
FEATURES
* N-Channel: 30V/6.9A
RDS(ON) = 22.5 mΩ (typ.) @VGS =10V
RDS(ON) = 34.5 mΩ (typ.) @VGS=4.5V
* P-Channel: -30V/-6A
RDS(ON) = 28 mΩ (typ.) @VGS= -10V
RDS(ON) = 44 mΩ (typ.) @VGS= -4.5V
* Reliable and rugged
SYMBOL
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free Plating
Halogen Free
1
2
3
4
5
6
7
8
UD4606L-D08-T
UD4606G-D08-T
DIP-8
S1 G1 S2 G2 D2 D2 D1 D1
Tube
UD4606L-S08-R
UD4606G-S08-R
SOP-8
S1 G1 S2 G2 D2 D2 D1 D1 Tape Reel


Similar Part No. - UD4606G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD4606G-S08-R UTC-UD4606G-S08-R Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
logo
VBsemi Electronics Co.,...
UD4606G-S08-R VBSEMI-UD4606G-S08-R Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UD4606G-S08-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2700CB1 ANPEC-APM2700CB1 Datasheet
153Kb / 14P
Dual enhancement Mode MOSFET
logo
Unisonic Technologies
UT4812Z UTC-UT4812Z Datasheet
144Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE
UD9926 UTC-UD9926 Datasheet
209Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE
UD606 UTC-UD606_15 Datasheet
575Kb / 11P
DUAL ENHANCEMENT MODE
UD4614 UTC-UD4614_15 Datasheet
329Kb / 10P
DUAL ENHANCEMENT MODE
UT5003 UTC-UT5003_15 Datasheet
279Kb / 7P
DUAL ENHANCEMENT MODE
UT5003Z UTC-UT5003Z_15 Datasheet
280Kb / 7P
DUAL ENHANCEMENT MODE
QS8M11 UTC-QS8M11 Datasheet
218Kb / 6P
DUAL ENHANCEMENT MODE
UD4606Q UTC-UD4606Q Datasheet
323Kb / 10P
DUAL ENHANCEMENT MODE
logo
TT Electronics.
HCT802 TTELEC-HCT802 Datasheet
249Kb / 3P
Dual Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com