Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC647
Description  PWM Fan Speed Controller with FanSense Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC647 Datasheet HTML 2Page - Microchip Technology TC647 Datasheet HTML 3Page - Microchip Technology TC647 Datasheet HTML 4Page - Microchip Technology TC647 Datasheet HTML 5Page - Microchip Technology TC647 Datasheet HTML 6Page - Microchip Technology TC647 Datasheet HTML 7Page - Microchip Technology TC647 Datasheet HTML 8Page - Microchip Technology TC647 Datasheet HTML 9Page - Microchip Technology TC647 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TC647
DS21447C-page 6
 2002 Microchip Technology Inc.
Continuous restart mode is enabled by connecting the
FAULT output to VMIN through a 0.1 µF capacitor, as
shown in Figure 3-1. When so connected, the TC647
automatically attempts to restart the fan whenever a
fault condition occurs. When the FAULT output is
driven low, the VMIN input is momentarily pulled below
VSHDN, initiating a reset and clearing the fault
condition. Normal fan start-up is then attempted as pre-
viously described. The FAULT output may be
connected to external logic (or the interrupt input of a
microcontroller) to shut the TC647 down if multiple fault
pulses are detected at approximately one second
intervals.
FIGURE 3-1:
Fan Fault Output Circuit.
FAULT
SENSE
R1
10 k
Ω
1 k
Ω
GND
From
System
Shutdown
Controller
(Optional)
Note: The parallel combination of R3 and R4 must be >10 kΩ.
+12V
+5V
+5V
VDD
VIN
VMIN
VOUT
RBASE
RSENSE
CSENSE
CF
1 µF
CF
TC647
Fan
CB
0.01 µF
0.01µF
1
8
CB
1µF
6
7
5
4
2
3
From
Temp
Sensor
+5V
1
0
TC647
RESET
Fault
Detected
C1
Q1
Q2
R3
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com