Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC647
Description  PWM Fan Speed Controller with FanSense Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC647 Datasheet HTML 10Page - Microchip Technology TC647 Datasheet HTML 11Page - Microchip Technology TC647 Datasheet HTML 12Page - Microchip Technology TC647 Datasheet HTML 13Page - Microchip Technology TC647 Datasheet HTML 14Page - Microchip Technology TC647 Datasheet HTML 15Page - Microchip Technology TC647 Datasheet HTML 16Page - Microchip Technology TC647 Datasheet HTML 17Page - Microchip Technology TC647 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC647
DS21447C-page 14
 2002 Microchip Technology Inc.
FIGURE 5-7:
Output Drive Transistor Circuit Topologies.
FIGURE 5-8:
Powering the Fan from a
-12V Supply.
5.6
Latch-Up Considerations
As with any CMOS IC, the potential exists for latch-up
if signals are applied to the device which are outside
the power supply range. This is of particular concern
during power-up if the external circuitry (such as the
sensor network, VMIN divider or shutdown circuit) is
powered by a supply different from that of the TC647.
Care should be taken to ensure that the TC647’s VDD
supply powers up first. If possible, the networks
attached to VIN and VMIN should connect to the VDD
supply at the same physical location as the IC itself.
Even if the IC and any external networks are powered
by the same supply, physical separation of the connect-
ing points can result in enough parasitic capacitance
and/or inductance in the power supply connections to
delay one power supply “routing” versus another.
5.7
Power Supply Routing and
Bypassing
Noise present on the VIN and VMIN inputs may cause
erroneous operation of the FAULT output. As a result,
these inputs should be bypassed with a 0.01 µF capac-
itor mounted as close to the package as possible. This
is particularly true of VIN, which is usually driven from a
high impedance source (such as a thermistor). In addi-
tion, the VDD input should be bypassed with a 1 µF
capacitor. Ground should be kept as short as possible.
To keep fan noise off the TC647 ground pin, individual
ground returns for the TC647 and the low side of the
fan current sense resistor should be used.
Design Example
Step 1. Calculate R1 and R2 based on using an NTC
having a resistance of 10 k
Ω at TMIN (25°C)
and 4.65 k
Ω at TMAX (45°C) (see Figure 5-9).
R1 = 20.5 kΩ
R2 = 3.83 kΩ
Step 2. Set minimum fan speed VMIN = 1.8V.
Limit the divider current to 100 µA from which
R5 = 33 kΩ and R6 = 18 kΩ
Step 3. Design the output circuit.
Maximum fan motor current = 250 mA.
Q1 beta is chosen at 50 from which
R7 = 800Ω.
Q1
Q1
Q2
GND
VDD
RSENSE
RBASE
VOUT
VOUT
Fan
a) Single Bipolar Transistor
Q1
GND
VDD
RSENSE
VOUT
C) N-Channel MOSFET
GND
VDD
RSENSE
RBASE
Fan
b) Darlington Transistor Pair
Fan
GND
+5V
Q1 *
VDD
VOUT
TC647
Fan
R2 *
2.2 k
Ω
R3 *
2.2
Ω
*Note: Value depends on the specific application and is shown for example only.
D1
12.0V
Zener
-12V
R4 *
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com