Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC647
Description  PWM Fan Speed Controller with FanSense Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647 Datasheet(HTML) 1 Page - Microchip Technology

  TC647 Datasheet HTML 1Page - Microchip Technology TC647 Datasheet HTML 2Page - Microchip Technology TC647 Datasheet HTML 3Page - Microchip Technology TC647 Datasheet HTML 4Page - Microchip Technology TC647 Datasheet HTML 5Page - Microchip Technology TC647 Datasheet HTML 6Page - Microchip Technology TC647 Datasheet HTML 7Page - Microchip Technology TC647 Datasheet HTML 8Page - Microchip Technology TC647 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2002 Microchip Technology Inc.
DS21447C-page 1
M
TC647
Features
• Temperature Proportional Fan Speed for Acoustic
Control and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
- Fan Voltage Independent of TC647
Supply Voltage
- Supports any Fan Voltage
• FanSense™ Technology Fault Detection Circuits
Protect Against Fan Failure and Aid System
Testing
• Shutdown Mode for "Green" Systems
• Supports Low Cost NTC/PTC Thermistors
• Space Saving 8-Pin MSOP Package
Applications
• Power Supplies
• Personal Computers
• File Servers
• Telecom Equipment
• UPSs, Power Amps
• General Purpose Fan Speed Control
Available Tools
• Fan Controller Demonstration Board (TC642DEMO)
• Fan Controller Evaluation Kit (TC642EV)
Package Types
General Description
The TC647 is a switch mode, fan speed controller for
use with brushless DC fans. Temperature proportional
speed control is accomplished using pulse width mod-
ulation (PWM). A thermistor (or other voltage output
temperature sensor) connected to VIN furnishes the
required control voltage of 1.25V to 2.65V (typical) for
0% to 100% PWM duty cycle. Minimum fan speed is
set by a simple resistor divider on the VMIN input. An
integrated Start-up Timer ensures reliable motor start-
up at turn-on, coming out of shutdown mode or
following a transient fault. A logic low applied to VMIN
(Pin 3) causes fan shutdown.
The TC647 also features Microchip Technology's pro-
prietary FanSense™ technology for increasing system
reliability. In normal fan operation, a pulse train is
present at SENSE (Pin 5). A missing pulse detector
monitors this pin during fan operation. A stalled, open
or unconnected fan causes the TC647 to trigger its
Start-up Timer once. If the fault persists, the FAULT
output goes low and the device is latched in its shut-
down mode.
The TC647 is available in the 8-pin plastic DIP, SOIC
and MSOP packages and is available in the industrial
and extended commercial temperature ranges.
18
27
36
45
TC647
GND
CF
VIN
VMIN
FAULT
SENSE
VDD
VOUT
SOIC/PDIP/MSOP
PWM Fan Speed Controller with FanSenseTechnology


Similar Part No. - TC647

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC647 MICROCHIP-TC647 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC647 MICROCHIP-TC647 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC647B MICROCHIP-TC647B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC647B MICROCHIP-TC647B Datasheet
563Kb / 36P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC647B MICROCHIP-TC647B Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results

Similar Description - TC647

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC649 MICROCHIP-TC649 Datasheet
478Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
08/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com