Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC647
Description  PWM Fan Speed Controller with FanSense Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC647 Datasheet HTML 9Page - Microchip Technology TC647 Datasheet HTML 10Page - Microchip Technology TC647 Datasheet HTML 11Page - Microchip Technology TC647 Datasheet HTML 12Page - Microchip Technology TC647 Datasheet HTML 13Page - Microchip Technology TC647 Datasheet HTML 14Page - Microchip Technology TC647 Datasheet HTML 15Page - Microchip Technology TC647 Datasheet HTML 16Page - Microchip Technology TC647 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2002 Microchip Technology Inc.
DS21447C-page 13
TC647
FIGURE 5-6:
Circuit For Determining
RBASE.
The correct value for this resistor can be determined as
follows:
VOH
= VRSENSE + VBE(SAT) + VRBASE
VRSENSE
= IFAN x RSENSE
VRBASE
= RBASE x IBASE
IBASE
= IFAN / hFE
VOH is specified as 80% of VDD in Section 1.0,
“Electrical Characteristics”; VBE(SAT) is given in the cho-
sen transistor data sheet. It is now possible to solve for
RBASE.
EQUATION
Some applications require the fan to be powered from the
negative 12V supply to keep motor noise out of the
positive voltage power supplies. As shown in Figure 5-8,
zener diode D1 offsets the -12V power supply voltage,
holding transistor Q1 off when VOUT is low. When VOUT is
high, the voltage at the anode of D1 increases by VOUT
causing Q1 to turn on. Operation is otherwise the same as
the case of fan operation from +12V.
TABLE 5-2:
TRANSISTORS AND MOSFETS FOR Q1 (VDD = 5V)
Q1
GND
VDD
RSENSE
RBASE
VOH = 80% VDD
+ V
RBASE
+ V
BE(SAT)
+
VR
SENSE
Fan
RBASE =
VOH - VBE(SAT) - VRSENSE
IBASE
Device
Package
Max. VBE(sat)/VGS
(V)
Min. HFE
VCEO/VDS
(V)
Fan Current
(mA)
Suggested
RBASE (Ω)
MMBT2222A
SOT-23
1.2
50
40
150
800
MPS2222A
TO-92
1.2
50
40
150
800
MPS6602
TO-92
1.2
50
40
500
301
SI2302
SOT-23
2.5
NA
20
500
Note 1
MGSF1N02E
SOT-23
2.5
NA
20
500
Note 1
SI4410
SO-8
4.5
NA
30
1000
Note 1
SI2308
SOT-23
4.5
NA
60
500
Note 1
Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com