Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W989D6KB Datasheet(PDF) 39 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 39 Page - Winbond

Back Button W989D6KB Datasheet HTML 35Page - Winbond W989D6KB Datasheet HTML 36Page - Winbond W989D6KB Datasheet HTML 37Page - Winbond W989D6KB Datasheet HTML 38Page - Winbond W989D6KB Datasheet HTML 39Page - Winbond W989D6KB Datasheet HTML 40Page - Winbond W989D6KB Datasheet HTML 41Page - Winbond W989D6KB Datasheet HTML 42Page - Winbond W989D6KB Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 39 -
Revision : A01-003
10.7 Mode register Set (MRS) Cycle
A0
A1
A2
A3
A4
A5
A6
Burst Length
Addressing Mode
CAS Latency
A8
Reserved
A0
A7
A0
A9
A0
Write Mode
A10
BA0
A0
A11
A0
BA1
0
0
A0
A3
A0
Addressing Mode
A0
0
A0
Sequential
A0
1
A0
Interleave
A0
A9
Single Write Mode
A0
0
A0
Burst read and Burst write
A0
1
A0
Burst read and single write
A0
A0
A2
A1
A0
A0
0
0
0
A0
0
0
1
A0
0
1
0
A0
0
1
1
A0
1
0
0
A0
1
0
1
A0
1
1
0
A0
1
1
1
A0
Burst Length
A0
Sequential
A0
Interleave
1
A0
1
A0
2
A0
2
A0
4
A0
4
A0
8
A0
8
A0
Reserved
A0
Reserved
A0
Full Page
A0
CAS Latency
A0
Reserved
A0
Reserved
2
A0
3
Reserved
A0
A6
A5
A4
A0
0
0
0
A0
0
1
0
A0
0
1
1
A0
1
0
0
A0
0
0
1
tMRD
tCMS
tCMH
tCMS
tCMH
tCMS
tCMH
tCMS
tCMH
tAS
tAH
CLK
CS
RAS
CAS
WE
Register
set data
next command
Mode
Register Set
Reserved
0
0
0
0
0
A0
An
“Reserved” pins should be set to “0” during MRS cycle.
Address
BA0,BA1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com