Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W989D6KB Datasheet(PDF) 13 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 13 Page - Winbond

Back Button W989D6KB Datasheet HTML 9Page - Winbond W989D6KB Datasheet HTML 10Page - Winbond W989D6KB Datasheet HTML 11Page - Winbond W989D6KB Datasheet HTML 12Page - Winbond W989D6KB Datasheet HTML 13Page - Winbond W989D6KB Datasheet HTML 14Page - Winbond W989D6KB Datasheet HTML 15Page - Winbond W989D6KB Datasheet HTML 16Page - Winbond W989D6KB Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 13 -
Revision : A01-003
7.6 AC Characteristics And AC Operating Conditions
7.6.1 AC Characteristics
*CL= CAS Latency; (Notes: 5,6,7)
Parameter
Sym
-6
-75
Unit
Note
Min.
Max.
Min.
Max.
Ref/Active to Ref/Active
Command Period
tRC
60
67.5
-
ns
8
Active to precharge
Command Period
tRAS
42
100000
45
100000
ns
8
Active to Read/Write
Command Delay Time
tRCD
18
18
-
ns
8
Read/Write(a) to
Read/Write(b)Command
Period
tCCD
1
1
-
CLK
8
Precharge to Active
Command Period
tRP
18
18
-
ns
8
Active(a) to Active(b)
Command Period
tRRD
2
2
-
tCK
8
Write Recovery Time
tWR
15
15
-
ns
Write-Recovery Time
(Last data to Read)
tLDR
1
1
CLK
CLK Cycle Time
CL * = 3
tCK
6
1000
7.5
1000
ns
CL * = 2
9.6
1000
9.6
1000
ns
CLK High Level width
tCH
2.5
2.5
-
ns
CLK Low Level width
tCL
2.5
2.5
-
ns
Access Time from CLK
CL * = 3
tAC
5
-
5.4
ns
CL * = 2
6
-
8
ns
Output Data Hold Time
tOH
2.5
2.5
-
ns
Output Data High
Impedance Time
CL * = 3
tHZ
5
-
5.4
ns
7
CL * = 2
8
-
6
ns
7
Output Data Low
Impedance Time
tLZ
1.0
1.0
-
ns
Power Down Mode
Entry Time
tSB
0
6
0
7.5
ns
Transition Time of CLK
(Rise and Fall)
tT
0.3
1.2
0.3
1.2
ns
Data-in Set-up Time
tDS
1.5
1.5
-
ns
Data-in Hold Time
tDH
1
1
-
ns
Address Set-up Time
tAS
1.5
1.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com