Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W989D6KB Datasheet(PDF) 2 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 2 Page - Winbond

  W989D6KB Datasheet HTML 1Page - Winbond W989D6KB Datasheet HTML 2Page - Winbond W989D6KB Datasheet HTML 3Page - Winbond W989D6KB Datasheet HTML 4Page - Winbond W989D6KB Datasheet HTML 5Page - Winbond W989D6KB Datasheet HTML 6Page - Winbond W989D6KB Datasheet HTML 7Page - Winbond W989D6KB Datasheet HTML 8Page - Winbond W989D6KB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 2 -
Revision : A01-003
3. ORDERING INFORMATION
Part Number
VDD/VDDQ
I/O Width
Type
Others
W989D6KBGX6I
1.8V/1.8V
16
54VFBGA
166MHz, -40°C~85°C
W989D6KBGX6E 1.8V/1.8V
16
54VFBGA
166MHz, -25°C~85°C
W989D2KBJX6I
1.8V/1.8V
32
90VFBGA
166MHz, -40°C~85°C
W989D2KBJX6E
1.8V/1.8V
32
90VFBGA
166MHz, -25°C~85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com