Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W989D6KB Datasheet(PDF) 21 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 21 Page - Winbond

Back Button W989D6KB Datasheet HTML 17Page - Winbond W989D6KB Datasheet HTML 18Page - Winbond W989D6KB Datasheet HTML 19Page - Winbond W989D6KB Datasheet HTML 20Page - Winbond W989D6KB Datasheet HTML 21Page - Winbond W989D6KB Datasheet HTML 22Page - Winbond W989D6KB Datasheet HTML 23Page - Winbond W989D6KB Datasheet HTML 24Page - Winbond W989D6KB Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 21 -
Revision : A01-003
8.1.4 Bank Activate Command
(
RAS = L, CAS = H, WE = H, BA0, BA1 = Bank, A0~An = Row Address)
The Bank Activate command activates the bank designated by the BS (Bank Select) signal.
Row addresses are latched on A0~An when this command is issued and the cell data is read out to the sense amplifiers. The
maximum time that each bank can be held in the active state is specified as tRAS (max).
8.1.5 Bank Precharge Command
(
RAS = L, RAS = H, WE = L, BA0, BA1 = Bank, A10 =L )
The Bank Precharge command is used to close (or precharge) the bank that is activated. Using this command, systems can
designated the bank to be closed by specifying the BS address bit setting in the command set. A Precharge command can be
used to precharge each bank separately (Bank Precharge) or all four banks simultaneously (Precharge All). After the Bank
Precharge command is issued, any one bank can close, and the closed bank transitions from the active state to the idle state.
To re-activate the closed bank, a system has to wait the minimum tRP delay after issuing the Precharge command before
issuing the Active Command for the device to complete the Precharge operation.
8.1.6 Precharge All Command
(
RAS = L, CAS = H, WE = L, BA0, BA1 = Don’t care, A10 =H )
The Precharge All command is used to precharge all banks simultaneously. After this command is issued, all four banks close
and transition from the active state to the idle state.
8.1.7 Write Command
(
RAS = H, CAS = L, WE = L, BA0, BA1 = Bank, A10 = L )
The Write command initiates a Write operation to the bank selected by BA0 and BA1 address inputs. The write data is latched at
the positive edge of CLK. Users should preprogram the length of the write data (Burst Length) and the column access sequence
(Addressing Mode) by setting the Mode Resister at power-up prior to using the Write command.
8.1.8 Write with Auto Precharge Command
(
RAS = H, CAS = L, WE = L, BA0, BA1 = Bank, A10 = H )
The Write with Auto Precharge command performs the Precharge operation automatically after the Write operation. The internal
precharge starts in the cycles immediately following the cycle in which the last data is written independent of
CAS Latency.
8.1.9 Read Command
(
RAS = H, CAS = L, WE = H, BA0, BA1 = Bank, A10 = L )
The Read command performs a Read operation to the bank designated by BA0-1. The read data is issued sequentially
synchronized to the positive edges of CLK. The length of read data (Burst Length), Addressing Mode and
CAS Latency
(access time from
CAS command in a clock cycle) must be programmed in the Mode Register at power-up prior to the Write
operation.
8.1.10 Read with Auto Precharge Command
(
RAS = H, CAS = L, WE = H, BA0, BA1 = Bank, A10 =H )
The Read with Auto Precharge command automatically performs the Precharge operation after the Read operation. When the
CAS Latency = 3, the internal precharge starts two cycles before the last data is output. When the CAS Latency = 2, the
internal precharge starts one cycle before the last data is output.
8.1.11 Extended Mode Register Set Command
(
RAS = L, CAS = L, WE = L, BA0, BA1, A0~An = Register Data)
The
Extended Mode Register Set command is designed to support Partial Array Self Refresh, Temperature Compensated Self
Refresh, and Output Driver Strength/Size by allowing users to program each value by setting predefined address bits. The
default values in the Extended Mode Register after power-up are undefined; therefore this command must be issued during the
power-up sequence. Also, this command can be issued while all banks are in the idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com