Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085MMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MMX/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5085MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
6.2 ESD Ratings: LM5085
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±750
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings: LM5085-Q1
MIN
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
Corner pins (1, 4, 5,
±750
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
and 8)
AEC Q100-011
Other pins
±750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
MIN
MAX
UNIT
VIN Voltage
4.5
75
V
Junction Temperature
–40
125
°C
6.5 Thermal Information
LM5085
LM5085,
LM5085-Q1
THERMAL METRIC(1)
UNIT
DGK
NGQ
DGN
8 PINS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
153
44.8
54.1
θJC(top)
Junction-to-case (top) thermal resistance
52.5
39.4
49.1
θJB
Junction-to-board thermal resistance
71.9
11.6
26.7
°C/W
ψJT
Junction-to-top characterization parameter
4.6
0.3
1.3
ψJB
Junction-to-board characterization parameter
70.8
11.6
26.5
θJC(bot)
Junction-to-case (bottom) thermal resistance
29
5.0
3.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. Unless otherwise stated the following conditions apply: VIN = 48 V, RT = 100kΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN PIN
IIN
Operating Current
Non-Switching, FB = 1.4 V (1)
1.3
1.8
mA
IQ
Shutdown Current
RT = 0 V (1)
200
345
µA
VCC REGULATOR(2)
VCC(reg)
VIN - VCC
Vin = 9 V, FB = 1.4 V, ICC = 0 mA
6.9
7.7
8.5
V
Vin = 9 V, FB = 1.4 V, ICC = 20 mA
7.7
V
Vin = 75 V, FB = 1.4 V, ICC = 0 mA
7.7
V
UVLOVcc
VCC Under-Voltage Lock-out
VCC Increasing
3.8
V
Threshold
UVLOVcc Hysteresis
VCC Decreasing
260
mV
VCC(CL)
VCC Current Limit
FB = 1.4 V
20
40
mA
(1)
Operating current and shutdown current do not include the current in the RT resistor.
(2)
VCC provides self bias for the internal gate drive.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com