Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085MMX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MMX/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MMX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5085MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
RT
Input
Voltage
STOP
RUN
LM5085
RT
VIN
RT =
VOUT x 6.67 x 10
6
FS
- 33.4
RT =
VOUT x 6 x 10
6
FS
- 8.6
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
(6)
For VIN = 48V and tD = 100ns, the simplified equation is:
(7)
7.3.3 Shutdown
The LM5085 can be shutdown by grounding the RT pin (see Figure 22). In this mode the PFET is held off, and
the VCC regulator is disabled. The internal operating current is reduced to the value shown in the graph
“Shutdown current vs. VIN”. The shutdown threshold at the RT pin is
≊0.73V, with ≊50mV of hysteresis.
Releasing the pin enables normal operation. The RT pin must not be forced high during normal operation.
Figure 22. Shutdown Implementation
7.3.4 Current Limiting
The LM5085 current limiting operates by sensing the voltage across either the RDS(ON) of Q1, or a sense resistor,
during the on-time and comparing it to the voltage across the resistor RADJ (see Figure 23). The current limit
function is much more accurate and stable over temperature when a sense resistor is used. The RDS(ON) of a
MOSFET has a wide process variation and a large temperature coefficient.
If the voltage across RDS(ON) of Q1, or the sense resistor, is greater than the voltage across RADJ, the current limit
comparator switches to turn off Q1. Current sensing is disabled for a blanking time of
≊100ns at the beginning of
the on-time to prevent false triggering of the current limit comparator due to leading edge current spikes.
Because of the blanking time and the turn-on and turn-off delays created by the PFET, the on-time at the PGATE
pin should not be set less than 150ns. An on-time shorter than that may prevent the current limit detection circuit
from properly detecting an over-current condition. The duration of the subsequent forced off-time is a function of
the input voltage and the voltage at the FB pin, as shown in the graph “Off-time vs. VIN and VFB”. The longer-
than-normal forced off-time allows the inductor current to decrease to a low level before the next on-time. This
cycle-by-cycle monitoring, followed by a forced off-time, provides effective protection from output load faults over
a wide range of operating conditions.
The voltage across the RADJ resistor is set by an internal 40µA current sink at the ADJ pin. When using Q1’s
RDS(ON) for sensing, the current at which the current limit comparator switches is calculated from:
ICL = 40µA x RADJ/RDS(ON)
(8)
When using a sense resistor (RSEN) the threshold of the current limit comparator is calculated from:
ICL = 40µA x RADJ/RSEN
(9)
When using Equation 8 or Equation 9, the tolerances for the ADJ pin current sink and the offset of the current
limit comparator should be included to ensure the resulting minimum current limit is not less than the required
maximum switch current. Simultaneously increasing the values of RADJ and RSEN decreases the effects of the
current limit comparator offset, but at the expense of higher power dissipation. When using a sense resistor, the
RSEN resistor value should be chosen within the practical limitations of power dissipation and physical size. For
example, for a 10A current limit, setting RSEN = 0.005Ω results in a power dissipation as high as 0.5W. Current
sense connections to the RSEN resistor, or to Q1, must be Kelvin connections to ensure accuracy.
12
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com