Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085MMX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MMX/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MMX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5085MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
RT =
VOUT x (VIN - 1.56V)
1.45 x 10
-7
x VIN x FS
- 1.4
tD x (VIN - 1.56V)
1.45 x 10
-7
-
FS =
VOUT x (VIN - 1.56V + RT/3167)
VIN x [(1.45 x 10
-7
x (RT + 1.4)) + (tD x (VIN - 1.56V + RT/3167))]
tON =
(VIN - 1.56V + RT/3167)
1.45 x 10
-7
x (RT + 1.4)
+ 50 ns
LM5085, LM5085-Q1
www.ti.com
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
7.3 Feature Description
7.3.1 Regulation Control Circuit
The LM5085 buck DC-DC controller employs a control scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback compared to an internal reference voltage (1.25V). When the FB pin voltage
falls below the feedback reference, Q1 is switched on for a time period determined by the input voltage and a
programming resistor (RT). Following the on-time Q1 remains off until the FB voltage falls below the reference.
Q1 is then switched on for another on-time period. The output voltage is set by the feedback resistors (RFB1, RFB2
in the Block Diagram). The regulated output voltage is calculated as follows:
VOUT = 1.25V x (RFB2+ RFB1)/ RFB1
(2)
The feedback voltage supplied to the FB pin is applied to a comparator rather than a linear amplifier. For proper
operation sufficient ripple amplitude is necessary at the FB pin to switch the comparator at regular intervals with
minimum delay and noise susceptibility. This ripple is normally obtained from the output voltage ripple attenuated
through the feedback resistors. The output voltage ripple is a result of the inductor’s ripple current passing
through the output capacitor’s ESR, or through a resistor in series with the output capacitor. Multiple methods are
available to ensure sufficient ripple is supplied to the FB pin, and three different configurations are discussed in
the Typical Application section.
When in regulation, the LM5085 operates in continuous conduction mode at medium to heavy load currents and
discontinuous conduction mode at light load currents. In continuous conduction mode the inductor’s current is
always greater than zero, and the operating frequency remains relatively constant with load and line variations.
The minimum load current for continuous conduction mode is one-half the inductor’s ripple current amplitude. In
discontinuous conduction mode, where the inductor’s current reaches zero during the off-time, the operating
frequency is lower than in continuous conduction mode and varies with load current. Conversion efficiency is
maintained at light loads since the switching losses are reduced with the reduction in load and frequency.
If the voltage at the FB pin exceeds 1.6V due to a transient overshoot or excessive ripple at VOUT the internal
over-voltage comparator immediately switches off Q1. The next on-time period starts when the voltage at FB falls
below the feedback reference voltage.
7.3.2 On-Time Timer
The on-time of the PFET gate drive output (PGATE pin) is determined by the resistor (RT) and the input voltage
(VIN), and is calculated from:
(3)
where RT is in kΩ.
The minimum on-time, which occurs at maximum VIN, should not be set less than 150ns (see Current Limiting
section). The buck regulator effective on-time, measured at the SW node (junction of Q1, L1, and D1) is typically
longer than that calculated in Equation 3 due to the asymmetric delay of the PFET. The on-time difference
caused by the PFET switching delay can be estimated as the difference of the turn-off and turn-on delays listed
in the PFET data sheet. Measuring the difference between the on-time at the PGATE pin versus the SW node in
the actual application circuit is also recommended.
In continuous conduction mode, the inverse relationship of tON with VIN results in a nearly constant switching
frequency as VIN is varied. The operating frequency can be calculated from:
(4)
where RT is in kΩ, and tD is equal to 50ns plus the PFET’s delay difference. To set a specific continuous
conduction mode switching frequency (FS), the RT resistor is determined from the following:
(5)
where RT is in kΩ. A simplified version of Equation 5 at VIN = 12V, and tD = 100ns, is:
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com