Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5085MMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MMX/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5085MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 11
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
8
Application and Implementation ........................ 17
3
Description ............................................................. 1
8.1
Application Information............................................ 17
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 17
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 23
6
Specifications......................................................... 3
10
Layout................................................................... 23
6.1
Absolute Maximum Ratings ...................................... 3
10.1
Layout Guidelines ................................................. 23
6.2
ESD Ratings: LM5085 .............................................. 4
10.2
Layout Example .................................................... 23
6.3
ESD Ratings: LM5085-Q1 ........................................ 4
11
Device and Documentation Support ................. 24
6.4
Recommended Operating Conditions ....................... 4
11.1
Related Links ........................................................ 24
6.5
Thermal Information .................................................. 4
11.2
Trademarks ........................................................... 24
6.6
Electrical Characteristics........................................... 4
11.3
Electrostatic Discharge Caution ............................ 24
6.7
Typical Characteristics .............................................. 6
11.4
Glossary ................................................................ 24
7
Detailed Description ............................................ 10
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 10
Information ........................................................... 24
7.2
Functional Block Diagram ....................................... 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (October 2014) to Revision I
Page
•
Moved the Storage temperature, Tstg to the Absolute Maximum Ratings .............................................................................. 3
•
Changed "Handling Ratings" to ESD Ratings: LM5085 and ESD Ratings: LM5085-Q1 ....................................................... 4
•
Added text "Figure 24 shows the required placement of this Schottky diode..." and Figure 24 to section VCC Regulator. 14
Changes from Revision G (March 2013) to Revision H
Page
•
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision F (March 2013) to Revision G
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 23
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com