Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2694MT/NOPB Datasheet HTML 10Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 11Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 12Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 13Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 14Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 15Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 16Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 17Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
0
100
200
300
400
500
600
LOAD CURRENT (mA)
50
60
70
80
90
100
VIN = 8V
12V
30V
VIN (V)
5
8 10
15
20
25
30
350
300
250
200
150
Load Curent = 400 mA
FB
SW
L1
R1
2.5k
LM2694
BST
VCC
C3
C4
D1
VOUT
ISEN
SGND
SS
RTN
0.1 PF
5V
GND
0.022 PF
R2
2.5k
R3
1.5
C2
22 PF
C6
0.022 PF
C1
3.3 PF
C5
0.1 PF
RON
140k
150 PH
8V - 30V
Input
VIN
RON/SD
LM2694
SNVS444A – MAY 2006 – REVISED APRIL 2013
www.ti.com
FINAL CIRCUIT
The final circuit is shown in Figure 14, and its performance is shown in Figure 15 and Figure 16. Current limit
measured approximately 0.64A.
Figure 14. Example Circuit
Item
Description
Value
C1
Ceramic Capacitor
3.3 µF, 50V
C2
Ceramic Capacitor
22 µF, 16V
C4, C6
Ceramic Capacitor
0.022 µF, 16V
C3, C5
Ceramic Capacitor
0.1 µF, 50V
D1
Schottky Diode
60V, 1A
L1
Inductor
150 µH
R1
Resistor
2.5 k
Ω
R2
Resistor
2.5 k
Ω
R3
Resistor
1.5
Ω
RON
Resistor
140 k
Ω
U1
TI Semi LM2694
Figure 15. Efficiency vs Load Current and VIN
Figure 16. Frequency vs VIN
Circuit of Figure 14
Circuit of Figure 14
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com