Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2694MT/NOPB Datasheet HTML 18Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 19Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 20Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 21Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 22Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 23Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 24Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 25Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.2±0.1
10X 0.3
0.2
10X 0.5
0.4
0.8 MAX
0.05
0.00
2±0.1
2X
2
8X 0.5
A
3.1
2.9
B
3.1
2.9
(0.2) TYP
WSON - 0.8 mm max height
DSC0010B
PLASTIC SMALL OUTLINE - NO LEAD
4214926/A 07/2014
PIN 1 INDEX AREA
0.08
SEATING PLANE
(OPTIONAL)
PIN 1 ID
1
6
10
5
0.1
C A
B
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
0.08
0.1
C A
B
0.05
C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com