Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2694MT/NOPB Datasheet HTML 12Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 13Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 14Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 15Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 16Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 17Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 18Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 19Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LM2694
SNVS444A – MAY 2006 – REVISED APRIL 2013
www.ti.com
PC BOARD LAYOUT and THERMAL CONSIDERATIONS
The LM2694 regulation, over-voltage, and current limit comparators are very fast, and will respond to short
duration noise pulses. Layout considerations are therefore critical for optimum performance. The layout must be
as neat and compact as possible, and all the components must be as close as possible to their associated pins.
The two major current loops have currents which switch very fast, and so the loops should be as small as
possible to minimize conducted and radiated EMI. The first loop is that formed by C1, through the VIN to SW
pins, L1, C2, and back to C1. The second loop is that formed by D1, L1, C2, and the SGND and ISEN pins. The
ground connection from C2 to C1 should be as short and direct as possible, preferably without going through
vias. Directly connect the SGND and RTN pin to each other, and they should be connected as directly as
possible to the C1/C2 ground line without going through vias. The power dissipation within the IC can be
approximated by determining the total conversion loss (PIN - POUT), and then subtracting the power losses in the
free-wheeling diode and the inductor. The power loss in the diode is approximately:
PD1 = IO x VF x (1-D)
where
•
Io is the load current
•
VF is the diode’s forward voltage drop
•
D is the duty cycle
(23)
The power loss in the inductor is approximately:
PL1 = IO
2 x R
L x 1.1
where
•
RL is the inductor’s DC resistance
•
1.1 factor is an approximation for the AC losses
(24)
If it is expected that the internal dissipation of the LM2694 will produce high junction temperatures during normal
operation, good use of the PC board’s ground plane can help considerably to dissipate heat. The exposed pad
on the WSON package bottom should be soldered to a ground plane, and that plane should both extend from
beneath the IC, and be connected to exposed ground plane on the board’s other side using as many vias as
possible. The exposed pad is internally connected to the IC substrate. The use of wide PC board traces at the
pins, where possible, can help conduct heat away from the IC. The four No Connect pins on the TSSOP package
are not electrically connected to any part of the IC, and may be connected to ground plane to help dissipate heat
from the package. Judicious positioning of the PC board within the end product, along with the use of any
available air flow (forced or natural convection) can help reduce the junction temperature.
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com