Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2694MT/NOPB Datasheet HTML 1Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 2Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VIN
SW
BST
LM2694
VCC
SS
RON/SD
8V - 30V
Input
C1
RON
R2
R1
C2
VOUT
L1
C3
C4
D1
C6
RTN
ISEN
SGND
FB
SHUTDOWN
R3
LM2694
www.ti.com
SNVS444A – MAY 2006 – REVISED APRIL 2013
LM2694 30V, 600 mA Step Down Switching Regulator
Check for Samples: LM2694
1
FEATURES
DESCRIPTION
The LM2694 Step Down Switching Regulator features
2
•
Integrated N-Channel Buck Switch
all of the functions needed to implement a low cost,
•
Integrated Start-Up Regulator
efficient, buck bias regulator capable of supplying
•
Input Voltage Range: 8V to 30V
0.6A to the load. This buck regulator contains an N-
Channel Buck Switch, and is available in the 3 x 3
•
No Loop Compensation Required
thermally
enhanced
WSON-10
package
and
a
•
Ultra-Fast Transient Response
TSSOP-14
package.
The
feedback
regulation
•
Operating Frequency Remains Constant with
scheme requires no loop compensation, results in
Load Current and Input Voltage Variations
fast load transient response, and simplifies circuit
implementation. The operating frequency remains
•
Maximum Duty Cycle Limited During Start-Up
constant with line and load variations due to the
•
Adjustable Output Voltage
inverse relationship between the input voltage and
•
Valley Current Limit At 0.6A
the on-time. The valley current limit results in a
smooth transition from constant voltage to constant
•
Maximum Switching Frequency: 1 MHz
current mode when current limit is detected, reducing
•
Precision Internal Reference
the frequency and output voltage, without the use of
•
Low Bias Current
foldback. Additional features include: VCC under-
voltage lockout, thermal shutdown, gate drive under-
•
Highly Efficient Operation
voltage lockout, and maximum duty cycle limiter.
•
Thermal Shutdown
Package
TYPICAL APPLICATIONS
•
WSON-10 (3 mm x 3 mm) w/Exposed Pad
•
High Efficiency Point-Of-Load (POL) Regulator
•
TSSOP-14
•
Non-Isolated Telecommunication Buck
Regulator
•
Secondary High Voltage Post Regulator
Basic Step Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2694MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2694MT/NOPB TI2-LM2694MT/NOPB Datasheet
884Kb / 29P
LM2694 30V, 600 mA Step Down Switching Regulator
REVISED APRIL 2013
LM2694MT/NOPB.A TI2-LM2694MT/NOPB.A Datasheet
884Kb / 29P
LM2694 30V, 600 mA Step Down Switching Regulator
REVISED APRIL 2013
LM2694MT/NOPB.B TI2-LM2694MT/NOPB.B Datasheet
884Kb / 29P
LM2694 30V, 600 mA Step Down Switching Regulator
REVISED APRIL 2013
More results

Similar Description - LM2694MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
40V, 600 mA Step Down COT Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com