Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

801-059 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 801-059
Description  Mighty Mouse Hermetic Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-059 Datasheet(HTML) 4 Page - Glenair, Inc.

  801-059 Datasheet HTML 1Page - Glenair, Inc. 801-059 Datasheet HTML 2Page - Glenair, Inc. 801-059 Datasheet HTML 3Page - Glenair, Inc. 801-059 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
C-56
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
DIMENSIONS
Shell
Size
Ø A
J Flat
H Flat
B
Thread
K Thread
Ø N
ØP
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
6
.455 11.56
.410 10.41
.595 15.11
.3750-.05P-.1L-2A .4375-28 UNEF-2A
.330
8.38 .236
5.99
7
.520 13.21
.536 13.61
.723 18.36
.4375-.05P-.1L-2A
.5625-32 UN-2A
.432 10.97 .324
8.23
8
.580 14.73
.536 13.61
.723 18.36
.5000-.05P-.1L-2A
.5625-32 UN-2A
.493 12.52 .390
9.91
9
.645 16.38
.596 15.14
.790 20.07
.5625-.05P-.1L-2A
.6250-28 UN-2A
.551 14.00 .444
11.28
10
.705
17.91
.658 16.71
.855 21.72
.6250-.05P-.1L-2A
.6875-28 UN-2A
.620 15.75 .520
13.21
11
.770 19.56
.718 18.24
.925 23.50
.6875-.05P-.1L-2A
.7500-28 UN-2A
.662 16.81 .557
14.15
13
.895 22.73
.845 21.46 1.044 26.52
.8125-.1P-.2L-2A
.8750-28 UN-2A
.703 17.86 .596
15.14
16
1.080 27.43 1.022 25.96 1.230 31.24
1.0000-.1P-.2L-2A
1.0625-20 UN-2A
.863 21.92 .756
19.20
17
1.145 29.08 1.096 27.84 1.290 32.77
1.0625-.1P-.2L-2A
1.1250-28 UN-2A
.912 23.16 .805
20.45
19
1.283 32.59 1.225 31.12 1.415 35.94
1.8750-.1P-.2L-2A
1.2500-28 UN-2A 1.018 25.86 .910
23.11
21
1.415 35.94 1.346 34.19 1.577 40.06
1.3125-.1P-.2L-2A
1.3750-28 UN-2A 1.170 29.72 1.061 26.95
KEY
POSITIONS
A°
B°
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°
B°
A°
801-059-07
Series 801 Mighty Mouse Hermetic Receptacle
Quick Coupling, Jam Nut Mount with Co-Ax Pins
SERIES 801 JAM NUT PANEL CUTOUT
Shell
Size
L Flat
Ø M
In.
± .002
mm.
± 0.05
In.
mm.
6
.418/.414 10.62/10.52
.448 11.38
7
.544/.540 13.82/13.72
.573 14.55
8
.544/.540 13.82/13.72
.573 14.55
9
.604/.600 15.34/15.24
.635 16.13
10
.668/.664 16.97/16.87
.698 17.73
11
.728/.724 18.49/18.39
.760 19.30
13
.853/.849 21.67/21.56
.885 22.48
16
1.030/1.026 26.16/26.06 1.075 27.31
17
1.104/1.100 28.04/27.94 1.135 28.83
19
1.235/1.231 31.37/31.27 1.260 32.00
21
1.353/1.349 34.37/34.26 1.385 68.83
Recommended Panel
Cutout Shell Style -07
L Flat
Ø M
Jam Nut Mount Hermetic
801-059-07
5
4
3
2
1
J FLAT
H FLAT
2 PL
B THREAD
CO-AX PIN
Ø G
1.025
(26.04)
MAX
.335
Ø N
Ø P
4 X .025 H X .080 W
.100 MAX
PANEL
CABLE
ADAPTER
CRIMP
RING
SEE NOTE 3
.060



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com